Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA0030 Fiches technique(PDF) 3 Page - RF Micro Devices

No de pièce TA0030
Description  TRANSMIT AND RECEIVE AGC AMPLIFIERS FOR CDMA CELLULAR /PCS PHONES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFMD [RF Micro Devices]
Site Internet  http://www.rfmd.com
Logo RFMD - RF Micro Devices

TA0030 Fiches technique(HTML) 3 Page - RF Micro Devices

  TA0030 Datasheet HTML 1Page - RF Micro Devices TA0030 Datasheet HTML 2Page - RF Micro Devices TA0030 Datasheet HTML 3Page - RF Micro Devices TA0030 Datasheet HTML 4Page - RF Micro Devices TA0030 Datasheet HTML 5Page - RF Micro Devices TA0030 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
13-153
TA0030
13
Copyright 1997-2000 RF Micro Devices, Inc.
  
The RF2607 features a 96 dB gain range from -48dB
power gain to +48dB power gain and is powered from
a single 3.6 V supply. As the transmit AGC amplifier is
instructed to adjust its gain, the receive AGC amplifier
will track, so that they work in parallel. As the mobile
strays further from the base station, the RF2607 is
directed to increase its gain while the reverse occurs
as the mobile approaches the base station. The gain of
the IC, like the RF2609, is controlled by a single DC
voltage externally supplied by a digital-to-analog (D/A)
converter which is swept from 0 to 3VDC. Figure 5
illustrates the gain response of the RF2607 as the gain
control voltage is swept.
With this IC, the more demanding specification to meet
is noise figure. In a CDMA receiver, this component fol-
lows the downconverting mixer and must retain good
noise performance at the high end of the gain range. At
the same time the IIP3 must increase steadily as the
gain drops from the high end of the gain range. Using a
variable gain amplifier scheme similar to that used in
the RF2609, both requirements are achievable. At 45
dB gain the RF2607 typically produces a noise figure
of 4.5dB and an IIP3 of -41dBm. Figures 6 and 7 illus-
trate nominal performance of the IC over the entire
gain range.
Incorporating the RF2607 into a system is very simple.
The RF2607 has two input ports, one for CDMA opera-
tion and one for FM operation. This feature allows the
IC to be used in dual mode phones that operate in both
Advanced Mobile Phone Service (AMPS) systems and
IS-95 North American Digital Cellular (NADC) sys-
tems. In dual mode systems, two signal paths are
required at IF in order to filter properly. The CDMA path
requires a filter with a 1.26 MHz bandwidth while the
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
10 nF
10 nF
R2:
1 k
C2
C2
L1
C1
L1
C1
V
CC
10 nF
V
CC
CDMA Filter
OUT+
OUT-
IN+
IN-
Measurement
Reference Plane
Z
IN=1 kΩ
Z
S=1 kΩ
Z
OUT=1 kΩ
Z
LOAD=1 kΩ
R2 sets the balanced output impedance to 1 k
Ω. L1 and C2
serve dual purposes. L1 serves as an output bias choke,
and C2 serves as a series DC block. In addition, the values
of L1 and C2 may be chosen to form an impedance
matching network if the load impedance is not 1k
Ω.
Otherwise, the values of L1 and C1 are chosen to form a
parallel-resonant tank circuit at the IF when the IF filter's
input impedance is 1 k
Ω.
Z
LOAD,EFF=500 Ω
Measurement
Reference Plane
10 nF
10 nF
3.3 k
GAIN
GAIN
CONTROL
Figure 4. RF2609 Application Circuit
RF2607 CDMA Gain vs. Gain Control Voltage
(Vcc=3.6 V, 85 MHz)
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
GC (volts)
+25°C
-30°C
+80°C
Figure 5. RF2607 CDMA Gain vs. Gain Control Voltage


Numéro de pièce similaire - TA0030

FabricantNo de pièceFiches techniqueDescription
logo
RF Micro Devices
TA0038 RFMD-TA0038 Datasheet
135Kb / 6P
   DC ACCURATE FSK MODULATOR
More results

Description similaire - TA0030

FabricantNo de pièceFiches techniqueDescription
logo
RF Micro Devices
RF2690 RFMD-RF2690 Datasheet
259Kb / 16P
   W-CDMA RECEIVE AGC AND DEMODULATOR
RF9957 RFMD-RF9957 Datasheet
169Kb / 10P
   CDMA/FM RECEIVE AGC AND DEMODULATOR
RF9678 RFMD-RF9678 Datasheet
200Kb / 16P
   W-CDMA TRANSMIT MODULATOR AND IF AGC
RF2627 RFMD-RF2627 Datasheet
112Kb / 6P
   3V CDMA RECEIVE AGC AMPLIFIER
RF2607 RFMD-RF2607 Datasheet
110Kb / 8P
   CDMA/FM RECEIVE AGC AMPLIFIER
RF2609 RFMD-RF2609 Datasheet
94Kb / 8P
   CDMA/FM TRANSMIT AGC AMPLIFIER
RF9958 RFMD-RF9958 Datasheet
129Kb / 12P
   CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
RF2689 RFMD-RF2689 Datasheet
383Kb / 20P
   W-CDMA/GSM/DCS RECEIVE AGC AND DEMODULATOR
RF2617 RFMD-RF2617 Datasheet
121Kb / 8P
   3V CDMA/FM RECEIVE AGC AMPLIFIER
logo
ams AG
AS3802 AMSCO-AS3802 Datasheet
91Kb / 9P
   CDMA/FM RECEIVE AGC AMPLIFIER AS3802
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com