Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


SY89306V Datasheet(Fiches technique) 3 Page - Micrel Semiconductor

Numéro de pièce SY89306V
Description  3.3V / 5V 2.5 GHZ PECL/ECL DIFFERENTIAL RECEIVER/BUFFER
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo 

   
 3 page
background image
3
Precision Edge®
SY89306/316V
Micrel, Inc.
Absolute Maximum Ratings(1)
Power Supply Voltage (V
EE) (VCC = 0V) .......... –6.0V to 0V
Power Supply Voltage (V
CC) (VEE = 0V) .......... +6.0V to 0V
Input Voltage (V
IN)
(V
CC = 0V, VIN not more negative than VEE) –6.0V to 0V
(V
EE = 0V, VIN not more negative than VCC) +6.0V to 0V
Output Current (I
OUT)
Continuous ............................................................. 50mA
Surge .................................................................... 100mA
V
BB Sink/Source Current (IBB) ................................ ±0.5mA
Lead Temperature (soldering, 20 sec.) ..................... 260
°C
Storage Temperature (T
S) ....................... –65°C to +150°C
Operating Ratings(2)
Power Supply Voltage (|V
CC–VEE|) ................. 3.0V to 3.6V
................................................................ 4.5V to 5.5V
Ambient Temperature (T
A) ......................... –40°C to +85°C
Package Thermal Resistance(3)
MLF™
JA)
Still-Air ............................................................. 93
°C/W
500lfpm ............................................................ 87
°C/W
MLF™
JB) ........................................................ 60°C/W
V
CC = +3.3V±10% or +5V±10% and VEE = 0V; VCC = 0V and VEE = –3.3V±10% or –5V±10%; TA = –40°C to +85°C, unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
EE
Power Supply Current
48
mA
V
OH
Output HIGH Voltage
Note 4, 5
V
CC–1.085
V
CC–0.880
V
V
OL
Output LOW Voltage
Note 4, 5
V
CC–1.830
V
CC–1.555
V
V
IH
Input HIGH Voltage
V
CC–1.165
V
CC–0.880
V
V
IL
Input LOW Voltage
V
CC–1.810
V
CC–1.475
V
V
IHCMR
Input HIGH Voltage
Note 6
V
EE +2.0
V
CC–0.4
V
Common Mode Range
V
BB
Bias Voltage
V
CC–1.38
V
CC–1.26
V
I
IH
Input HIGH Current
——
150
µA
I
IL
Input LOW Current
0.5
——
µA
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied at
conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions for extended periods
may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Package Thermal Resistance values assumes exposed pad is soldered (or equivalent) to the device's most negative potential on the PCB.
4. Output loaded with 50
Ω to V
CC–2V.
5. V
IN = VIL(min) or VIH(max)
6. V
IHCMR (Min) varies 1:1 with VEE, (max) varies 1:1 with VCC.
SY89306V (100K ECL) DC ELECTRICAL CHARACTERISTICS




Html Pages

1  2  3  4  5  6 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
MC100ES62542.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer 1 2 3 4 5 MoreMotorola, Inc
MC100ES62262.5/3.3V Differential LVPECL 1:9 Clock Distribution Buffer and Clock Divider 1 2 3 4 5 MoreMotorola, Inc
SY100EP111U2.5 V/ 3.3V 1:10 DIFFERENTIAL LVPECL /LVECL/HSTL CLOCK DRIVER 1 2 3 4 5 MoreMicrel Semiconductor
MC74VCX162244LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT BUFFER WITH 26ohm SERIES RESISTORS 1 2 3 4 5 MoreMotorola, Inc
HMC286GaAs MMIC LOW NOISE AMPLIFIER 2.3 - 2.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
AS221-306PHEMT GaAs IC High Power SP4T Switch 0.1 - 2.5 GHz 1 2 Skyworks Solutions Inc.
ABA-325632.5 GHz Broadband Silicon RFIC Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
FIN10313.3V LVDS 4-Bit High Speed Differential Driver 1 2 3 4 5 MoreFairchild Semiconductor
PI90LV1793.3V LVDS High-Speed Differential Line Drivers and Receivers 1 2 3 4 5 MorePericom Semiconductor Corporation
NB100LVEP2242.5V/3.3V 1:24 Differential ECL/PECL Clock Driver with Clock Select and Output Enable 1 2 3 4 5 MoreON Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl