Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


SY89306V Datasheet(Fiches technique) 6 Page - Micrel Semiconductor

Numéro de pièce SY89306V
Description  3.3V / 5V 2.5 GHZ PECL/ECL DIFFERENTIAL RECEIVER/BUFFER
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo 

   
 6 page
background image
6
Precision Edge®
SY89306/316V
Micrel, Inc.
8 LEAD ULTRA-SMALL EPAD-
MicroLeadFrame™ (MLF-8)
Package
EP- Exposed Pad
Die
CompSide Island
Heat Dissipation
Heavy Copper Plane
Heavy Copper Plane
VEE
VEE
Heat Dissipation
PCB Thermal Consideration for 8-Pin MLF™ Package
Package Notes:
1. Package meets Level 2 Moisture Sensitivity Classification and is shipped in Dry-pack form.
2. Exposed pads must be soldered to the most negative supply plane, equivalent to V
EE, for proper thermal
management.
MICREL, INC.
2180 FORTUNE DRIVE
SAN JOSE, CA 95131
USA
TEL
+ 1 (408) 944-0800 FAX + 1 (408) 474-1000 WEB http://www.micrel.com
The information furnished by Micrel in this datasheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use.
Micrel reserves the right to change circuitry and specifications at any time without notification to the customer.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can
reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into
the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser’s
use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser’s own risk and Purchaser agrees to fully indemnify
Micrel for any damages resulting from such use or sale.
© 2005 Micrel, Incorporated.




Html Pages

1  2  3  4  5  6 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
MC100ES62542.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer 1 2 3 4 5 MoreMotorola, Inc
MC100ES62262.5/3.3V Differential LVPECL 1:9 Clock Distribution Buffer and Clock Divider 1 2 3 4 5 MoreMotorola, Inc
SY100EP111U2.5 V/ 3.3V 1:10 DIFFERENTIAL LVPECL /LVECL/HSTL CLOCK DRIVER 1 2 3 4 5 MoreMicrel Semiconductor
MC74VCX162244LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT BUFFER WITH 26ohm SERIES RESISTORS 1 2 3 4 5 MoreMotorola, Inc
HMC286GaAs MMIC LOW NOISE AMPLIFIER 2.3 - 2.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
AS221-306PHEMT GaAs IC High Power SP4T Switch 0.1 - 2.5 GHz 1 2 Skyworks Solutions Inc.
ABA-325632.5 GHz Broadband Silicon RFIC Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
FIN10313.3V LVDS 4-Bit High Speed Differential Driver 1 2 3 4 5 MoreFairchild Semiconductor
PI90LV1793.3V LVDS High-Speed Differential Line Drivers and Receivers 1 2 3 4 5 MorePericom Semiconductor Corporation
NB100LVEP2242.5V/3.3V 1:24 Differential ECL/PECL Clock Driver with Clock Select and Output Enable 1 2 3 4 5 MoreON Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl