Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


SY89306V Datasheet(Fiches technique) 5 Page - Micrel Semiconductor

Numéro de pièce SY89306V
Description  3.3V / 5V 2.5 GHZ PECL/ECL DIFFERENTIAL RECEIVER/BUFFER
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo 

   
 5 page
background image
5
Precision Edge®
SY89306/316V
Micrel, Inc.
INPUT INTERFACE APPLICATIONS
D
/D
SY89306/316V
0.01
µF V
BB
VCC
Figure 1. Single-Ended LVPECL Input
(Terminating Unused Input)
LVPECL OUTPUT INTERFACE APPLICATIONS
ZO = 50Ω
R2
R1
R1
R2
R3
R4
VCC —2V
VCC —1.3V
VCC
VCC
VCC
VCC
VCC = 3.3V; R1 = 130Ω, R2 = 82Ω, R3 = 1kΩ, R4 = 1.6kΩ,
VCC = 5V; R1 = 83Ω, R2 = 125Ω, R3 = 1kΩ, R4 = 2.8kΩ,
Figure 2c. Terminating Unused I/O
R2
R2
ZO = 50Ω
ZO = 50Ω
R1
R1
VCC —2V
VCC
VCC
VCC
VCC = 3.3V; R1 = 130Ω, R2 = 82Ω
VCC = 5V; R1 = 83Ω, R2 = 125Ω
Figure 2a. Parallel Thevenin-Equivalent
Termination
ZO = 50Ω
ZO = 50Ω
Rpd
50
50
C (Optional)
0.01
µF
VCC –2V
VCC
VCC
VCC = 3.3V; Rpd = 50Ω
VCC = 5V; Rpd = 100Ω
VCC
Figure 2b. Three Resistor
“Y Termination”
Part Number
Function
Data Sheet Link
SY89206/216V
3.3V/5V 1GHz Differential PECL/ECL
www.micrel.com/product-info/products/sy89206-216v.shtml
Receiver/Buffer
SY89223L
3.3V Dual Differential LVPECL-to-LVTTL
www.micrel.com/product-info/products/sy89223l.shtml
Translator
HBW Solutions
New Products and Applications
www.micrel.com/product-info/products/solutions.shtml
RELATED PRODUCT AND SUPPORT DOCUMENTATION




Html Pages

1  2  3  4  5  6 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
MC100ES62542.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer 1 2 3 4 5 MoreMotorola, Inc
MC100ES62262.5/3.3V Differential LVPECL 1:9 Clock Distribution Buffer and Clock Divider 1 2 3 4 5 MoreMotorola, Inc
SY100EP111U2.5 V/ 3.3V 1:10 DIFFERENTIAL LVPECL /LVECL/HSTL CLOCK DRIVER 1 2 3 4 5 MoreMicrel Semiconductor
MC74VCX162244LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT BUFFER WITH 26ohm SERIES RESISTORS 1 2 3 4 5 MoreMotorola, Inc
HMC286GaAs MMIC LOW NOISE AMPLIFIER 2.3 - 2.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
AS221-306PHEMT GaAs IC High Power SP4T Switch 0.1 - 2.5 GHz 1 2 Skyworks Solutions Inc.
ABA-325632.5 GHz Broadband Silicon RFIC Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
FIN10313.3V LVDS 4-Bit High Speed Differential Driver 1 2 3 4 5 MoreFairchild Semiconductor
PI90LV1793.3V LVDS High-Speed Differential Line Drivers and Receivers 1 2 3 4 5 MorePericom Semiconductor Corporation
NB100LVEP2242.5V/3.3V 1:24 Differential ECL/PECL Clock Driver with Clock Select and Output Enable 1 2 3 4 5 MoreON Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl