Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI5318 Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers

No de pièce SI5318
Description  SONET/SDH PRECISION CLOCK MULTIPLIER IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

SI5318 Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SI5318 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI5318 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI5318 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI5318 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI5318 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI5318 Datasheet HTML 10Page - List of Unclassifed Manufacturers SI5318 Datasheet HTML 11Page - List of Unclassifed Manufacturers SI5318 Datasheet HTML 12Page - List of Unclassifed Manufacturers SI5318 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Si5318
Rev. 1.0
9
Wander/Jitter at 3200 Hz Bandwidth
(BWSEL[1:0] = 01 and DBLBW = 1)
Jitter Tolerance (see Figure 7)
f = 32 Hz
500
ns
f = 320 Hz
50
ns
f = 3200 Hz
5
ns
CLKOUT RMS Jitter Generation
JGEN(RMS)
12 kHz to 20 MHz
0.72
0.9
ps
CLKOUT Peak-Peak Jitter Generation
JGEN(PP)
12 kHz to 20 MHz
6.8
10.0
ps
Jitter Transfer Bandwidth (see Figure 6)
FBW
BW = 3200 Hz
3200
Hz
Wander/Jitter Transfer Peaking
JP
< 3200 Hz
0.05
0.1
dB
Wander/Jitter at 3200 Hz Bandwidth
(BWSEL[1:0] = 00 and DBLBW = 0)
Jitter Tolerance (see Figure 7)
JTOL(PP)
f= 32 Hz
1000
—ns
f= 320Hz
100
—ns
f = 3200 Hz
10
—ns
CLKOUT RMS Jitter Generation
JGEN(RMS)
12 kHz to 20 MHz
0.86
1.2
ps
CLKOUT Peak-Peak Jitter Generation
JGEN(PP)
12 kHz to 20 MHz
7.7
10.0
ps
Jitter Transfer Bandwidth (see Figure 6)
FBW
BW = 3200 Hz
3200
—Hz
Wander/Jitter Transfer Peaking
JP
< 3200 Hz
0.05
0.1
dB
Wander/Jitter at 6400 Hz Bandwidth
(BWSEL[1:0] = 00 and DBLBW = 1)
Jitter Tolerance (see Figure 7)
f = 64 Hz
500
ns
f= 640Hz
50
ns
f = 6400 Hz
5
ns
CLKOUT RMS Jitter Generation
JGEN(RMS)
12 kHz to 20 MHz
0.7
1.0
ps
CLKOUT Peak-Peak Jitter Generation
JGEN(PP)
12 kHz to 20 MHz
6.6
9.0
ps
Jitter Transfer Bandwidth (see Figure 6)
FBW
BW = 6400 Hz
6400
Hz
Wander/Jitter Transfer Peaking
JP
< 6400 Hz
0.05
0.1
dB
Table 4. AC Characteristics (PLL Performance Characteristics) (Continued)
(VDD33 = 3.3 V ±5%, TA = –20 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max Unit
Notes:
1. Higher PLL bandwidth settings provide smaller clock output wander with temperature gradient.
2. For reliable device operation, temperature gradients should be limited to 10 °C/min.
3. Telcordia GR-1244-CORE requirements specify maximum phase transient slope during clock rearrangement in terms
of nanoseconds per millisecond. The equivalent ps/
µs unit is used here since the maximum phase transient magnitude
for the Si5318 (tPT_MTIE) never reaches one nanosecond.


Numéro de pièce similaire - SI5318

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI5318 SILABS-SI5318 Datasheet
598Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5318-EVB SILABS-SI5318-EVB Datasheet
670Kb / 16P
   Differential inputs terminated on board
Si5318-X-BC SILABS-Si5318-X-BC Datasheet
598Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
More results

Description similaire - SI5318

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI5321 SILABS-SI5321 Datasheet
1Mb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
List of Unclassifed Man...
SI5321 ETC-SI5321 Datasheet
606Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5320 ETC1-SI5320 Datasheet
538Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Silicon Laboratories
SI5318 SILABS-SI5318 Datasheet
598Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5320 SILABS-SI5320 Datasheet
1Mb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Skyworks Solutions Inc.
SI5321 SKYWORKS-SI5321 Datasheet
625Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
Revision 2.0 to Revision 2.1
logo
List of Unclassifed Man...
SI5320-EVB ETC1-SI5320-EVB Datasheet
754Kb / 18P
   EVALUATION BOARD FOR Si5320 SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Zarlink Semiconductor I...
ZL30415 ZARLINK-ZL30415_06 Datasheet
404Kb / 23P
   SONET/SDH Clock Multiplier PLL
ZL30416 ZARLINK-ZL30416 Datasheet
340Kb / 22P
   SONET/SDH Clock Multiplier PLL
ZL30415 ZARLINK-ZL30415 Datasheet
347Kb / 23P
   SONET/SDH Clock Multiplier PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com