Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA25C020LEMNFX Fiches technique(PDF) 7 Page - List of Unclassifed Manufacturers

No de pièce SA25C020LEMNFX
Description  2Mb EEPROM with 25MHz SPI Bus Interface
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

SA25C020LEMNFX Fiches technique(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SA25C020LEMNFX Datasheet HTML 3Page - List of Unclassifed Manufacturers SA25C020LEMNFX Datasheet HTML 4Page - List of Unclassifed Manufacturers SA25C020LEMNFX Datasheet HTML 5Page - List of Unclassifed Manufacturers SA25C020LEMNFX Datasheet HTML 6Page - List of Unclassifed Manufacturers SA25C020LEMNFX Datasheet HTML 7Page - List of Unclassifed Manufacturers SA25C020LEMNFX Datasheet HTML 8Page - List of Unclassifed Manufacturers SA25C020LEMNFX Datasheet HTML 9Page - List of Unclassifed Manufacturers SA25C020LEMNFX Datasheet HTML 10Page - List of Unclassifed Manufacturers SA25C020LEMNFX Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
SA25C020 Advanced Information
SAIFUN
7
Ordering Information
F
PP
E
L
XX
C
25
SA
Letter
Blank
X
Blank
E
L
020
C
25
SA
Interface
Density
Voltage Operating
Range
Temp. Range
Package
Description
Tube
Tape and Reel
0 to 70 C
-40 to +85 C
o
2.7 V to 3.6 V
2 Mb with Write Protect
CMOS
SPI-2 Wires
Saifun Non-Volatile
Memory
o
N
MN
MLF
8-pin DIP
8-pin SOIC (150 mil)
8-lead MLF
X
Blank
F
Non Lead Free
Lead Free
Figure 3. SA25C020 Ordering Information


Numéro de pièce similaire - SA25C020LEMNFX

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SA25C1024 ETC-SA25C1024 Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
SA25C1024HEMN ETC-SA25C1024HEMN Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
SA25C1024HEMNX ETC-SA25C1024HEMNX Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
SA25C1024HEN ETC-SA25C1024HEN Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
SA25C1024HENX ETC-SA25C1024HENX Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
More results

Description similaire - SA25C020LEMNFX

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SA25F020 ETC1-SA25F020 Datasheet
560Kb / 37P
   2Mb Serial Flash with 25MHz SPI Bus Interface
logo
Rohm
BR25G1M-3 ROHM-BR25G1M-3 Datasheet
719Kb / 33P
   SPI BUS EEPROM
BR25S320-W ROHM-BR25S320-W_12 Datasheet
678Kb / 35P
   SPI BUS EEPROM
BR25G128-3 ROHM-BR25G128-3 Datasheet
769Kb / 36P
   SPI BUS EEPROM
BR25G320-3 ROHM-BR25G320-3 Datasheet
2Mb / 36P
   SPI BUS EEPROM
logo
Sanyo Semicon Device
LE25CB1282 SANYO-LE25CB1282 Datasheet
342Kb / 13P
   EEPROM (SPI Bus)
logo
Rohm
BR25G256-3 ROHM-BR25G256-3 Datasheet
2Mb / 35P
   SPI BUS EEPROM
BR25G128XXX-5A ROHM-BR25G128XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G1MXXX-5A ROHM-BR25G1MXXX-5A Datasheet
1Mb / 40P
   SPI BUS EEPROM
10.Jun.2022 Rev.001
BR25G256XXX-5A ROHM-BR25G256XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com