Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MNR02 Fiches technique(PDF) 5 Page - Rohm

No de pièce MNR02
Description  Chip resistor networks
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

MNR02 Fiches technique(HTML) 5 Page - Rohm

  MNR02 Datasheet HTML 1Page - Rohm MNR02 Datasheet HTML 2Page - Rohm MNR02 Datasheet HTML 3Page - Rohm MNR02 Datasheet HTML 4Page - Rohm MNR02 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MNR02
Resistors
!
!
!
!
Electrical characteristics
−6.0
−5.0
−4.0
−3.0
−2.0
−1.0
0
2.0
1.0
4.0
3.0
6.0
5.0
RESISTANCE
(
Ω)
JIS C 5201-1 4.5
SAMPLE SIZE : n
=40pcs
20
°C 65%RH
10
100
1k
10k
100k
1M
Fig.2 Resistance
−400
−300
−200
−100
0
100
200
300
400
RESISTANCE
(
Ω)
JIS C 5201-1 4.8
SAMPLE SIZE : n
=20pcs
25
°C / −55°C 25°C / 125°C
10
100
1k
10k
100k
1M
Fig.3 Variation resistance with
temperature
−4.0
−6.0
−2.0
0
2.0
4.0
6.0
RESISTANCE
(
Ω)
JIS C 5201-1 4.13
SAMPLE SIZE : n
=20pcs
RATED VOLTAGE
×2.5TIMES 2s
LIMITING ELEMENT VOLTAGE
×2 : 100V
10
100
1k
10k
100k
1M
Fig.4 Overload
−2.0
−3.0
−1.0
0
1.0
2.0
3.0
RESISTANCE
(
Ω)
JIS C 5201-1 4.18
SAMPLE SIZE : n
=20pcs
SOLDERING CONDITION
: 260
°C 10s
10
100
1k
10k
100k
1M
Fig.5 Resistance to soldering heat
−2.0
−3.0
−1.0
0
1.0
2.0
3.0
RESISTANCE
(
Ω)
JIS C 5201-1 4.19
SAMPLE SIZE : n
=20pcs
−55°C / 125°C 5cyc
10
100
1k
10k
100k
1M
Fig.6 Rapid change of
temperature
−4.0
−6.0
−2.0
0
2.0
4.0
6.0
RESISTANCE
(
Ω)
JIS C 5201-1 4.24
SAMPLE SIZE : n
=20pcs
40
°C 93%RH WITH NO LOAD
1,000h
10
100
1k
10k
100k
1M
Fig.7 Damp heat, steady state
−4.0
−6.0
−2.0
0
2.0
4.0
6.0
RESISTANCE
(
Ω)
JIS C 5201-1 4.25.1
SAMPLE SIZE : n
=20pcs
70
°C 1,000h
OVERLOAD : THE RATED VOLTAGE
10
100
1k
10k
100k
1M
Fig.8 Endurance at 70
°C
−4.0
−6.0
−2.0
0
2.0
4.0
6.0
RESISTANCE
(
Ω)
JIS C 5201-1 4.25.3
SAMPLE SIZE : n
=20pcs
125
°C WITH NO LOAD 1,000h
10
100
1k
10k
100k
1M
Fig.9 Endurance
Data downloaded from http://www.angliac.com - the website of Anglia - tel: 01945 474747
For the very latest product data and news visit angliac.com


Numéro de pièce similaire - MNR02

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
MNR02 ROHM-MNR02 Datasheet
105Kb / 6P
   Chip resistor networks
MNR02 ROHM-MNR02 Datasheet
180Kb / 7P
   Chip Resistor Networks Automotive product is AEC-Q200 compliant.
MNR02 ROHM-MNR02 Datasheet
180Kb / 7P
   Chip Resistor Networks
MNR02M0APF105 ROHM-MNR02M0APF105 Datasheet
180Kb / 7P
   Chip Resistor Networks
MNR02M0APJ ROHM-MNR02M0APJ Datasheet
105Kb / 6P
   Chip resistor networks
More results

Description similaire - MNR02

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
MNR15 ROHM-MNR15 Datasheet
102Kb / 5P
   Chip resistor networks
MNR35 ROHM-MNR35 Datasheet
97Kb / 5P
   Chip resistor networks
MNR02 ROHM-MNR02_1 Datasheet
105Kb / 6P
   Chip resistor networks
MNR18 ROHM-MNR18_1 Datasheet
107Kb / 5P
   Chip resistor networks
MNR32 ROHM-MNR32_1 Datasheet
105Kb / 6P
   Chip resistor networks
MNR34 ROHM-MNR34_1 Datasheet
107Kb / 6P
   Chip resistor networks
logo
Panasonic Semiconductor
EXB-A10P333J PANASONIC-EXB-A10P333J Datasheet
118Kb / 2P
   Chip Resistor Networks
EXB-D10C562J PANASONIC-EXB-D10C562J Datasheet
112Kb / 2P
   Chip Resistor Networks
EXB-Q16P472J PANASONIC-EXB-Q16P472J Datasheet
112Kb / 2P
   Chip Resistor Networks
EXB-A10E104J PANASONIC-EXB-A10E104J Datasheet
112Kb / 2P
   Chip Resistor Networks
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com