Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KIA7806AF Fiches technique(PDF) 1 Page - KEC(Korea Electronics)

No de pièce KIA7806AF
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7806AF Fiches technique(HTML) 1 Page - KEC(Korea Electronics)

  KIA7806AF Datasheet HTML 1Page - KEC(Korea Electronics) KIA7806AF Datasheet HTML 2Page - KEC(Korea Electronics) KIA7806AF Datasheet HTML 3Page - KEC(Korea Electronics) KIA7806AF Datasheet HTML 4Page - KEC(Korea Electronics) KIA7806AF Datasheet HTML 5Page - KEC(Korea Electronics) KIA7806AF Datasheet HTML 6Page - KEC(Korea Electronics) KIA7806AF Datasheet HTML 7Page - KEC(Korea Electronics) KIA7806AF Datasheet HTML 8Page - KEC(Korea Electronics) KIA7806AF Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
2002. 9. 24
1/17
SEMICONDUCTOR
TECHNICAL DATA
KIA7805AF~KIA7824AF
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 2
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
5V, 6V, 8V, 9V, 10V, 12V, 15V, 18V, 20V, 24V.
FEATURES
Suitable for C-MOS, TTL, the Other Digital IC's Power Supply.
Internal Thermal Overload Protection.
Internal Short Circuit Current Limiting.
Output Current in Excess of 1A.
Satisfies IEC-65 Specification. (International Electronical Commission).
Package is DPAK.
DPAK
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
K
L
6.60 0.2
6.10 0.2
5.0 0.2
1.10 0.2
2.70 0.2
2.30 0.1
1.00 MAX
2.30 0.2
0.50 0.1
2.00 0.20
0.50 0.10
E
0.91 0.10
M
0.90 0.1
O
A
C
I
J
H
F
F
P
L
12
3
1. INPUT
2. COMMON
3. OUTPUT
1.00 0.10
P
0.95 MAX
Q
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
MAXIMUM RATINGS (Ta=25 )
CHARACTERISTIC
SYMBOL RATING
UNIT
Input Voltage
KIA7805AF KIA7815AF
VIN
35
V
KIA7818AF KIA7824AF
40
Power Dissipation (Tc=25 )
PD
12
W
Power Dissipation
(Without Heatsink)
KIA7805AF
KIA7824AF
PD
1.3
W
Operating Junction Temperature
Tj
-30 150
Storage Temperature
Tstg
-55 150
Q11
Q12
Z1
1
3
2
INPUT
OUTPUT
COMMON (GND)
Q13
Q18
Q17
Q3
Q4
Q11-1
Q5
C1
Q7
Q8
Q10
Q1
Q6
Q19
Q14
Q9
Q2
Q16
R14
Q15
EQUIVALENT CIRCUIT


Numéro de pièce similaire - KIA7806AF

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIA7806AF KEC-KIA7806AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7806AF KEC-KIA7806AF Datasheet
1Mb / 20P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7806AF/API KEC-KIA7806AF/API Datasheet
451Kb / 20P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7806AF/API KEC-KIA7806AF/API Datasheet
1Mb / 20P
   SEMICONDUCTOR
More results

Description similaire - KIA7806AF

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com