Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KIA7233P Fiches technique(PDF) 1 Page - KEC(Korea Electronics)

No de pièce KIA7233P
Description  TO-92 PACKAGE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7233P Fiches technique(HTML) 1 Page - KEC(Korea Electronics)

  KIA7233P Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SEMICONDUCTOR
MARKING SPECIFICATION
KIA7233P
1. Marking method
Laser Marking
2. Marking
00.12.27
00
Revision No :
1/1
No.
2
4
1
Description
Trade Name
Lot No.
Device Name
Year
Week
KIA
016
KIA7233P
0
16
PACKAGE
TO-92
KIA
72
33P
016
3
72
33P
Series Name
Device Name
Item
Marking
KEC Analog Integrated Circuit
: 16th Week
16
2000~2009
0 ~ 9 :


Numéro de pièce similaire - KIA7233P

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
KIA7205 ETC2-KIA7205 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
KEC(Korea Electronics)
KIA7217 KEC-KIA7217 Datasheet
97Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC (5.8W AUDIO POWER AMPLIFIER CAR STEREO, CAR RADIO OUTPUT)
logo
List of Unclassifed Man...
KIA7217 ETC2-KIA7217 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
KEC(Korea Electronics)
KIA7217AP KEC-KIA7217AP Datasheet
97Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC (5.8W AUDIO POWER AMPLIFIER CAR STEREO, CAR RADIO OUTPUT)
KIA7288 KEC-KIA7288 Datasheet
110Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (BI-DIRECTIONAL DC MOTOR DRIVER)
More results

Description similaire - KIA7233P

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
2N5551 KEC-2N5551_98 Datasheet
30Kb / 1P
   TO-92 PACKAGE
KN2222 KEC-KN2222_98 Datasheet
28Kb / 1P
   TO-92 PACKAGE
KN3904 KEC-KN3904_98 Datasheet
28Kb / 1P
   TO-92 PACKAGE
BC239 KEC-BC239_98 Datasheet
30Kb / 1P
   TO-92 PACKAGE
BF421 KEC-BF421_05 Datasheet
20Kb / 1P
   TO-92 PACKAGE
BC309 KEC-BC309_98 Datasheet
30Kb / 1P
   TO-92 PACKAGE
BC327 KEC-BC327_98 Datasheet
31Kb / 1P
   TO-92 PACKAGE
BC516 KEC-BC516 Datasheet
373Kb / 1P
   TO-92 PACKAGE
BC637 KEC-BC637_01 Datasheet
31Kb / 1P
   TO-92 PACKAGE
2N5401 KEC-2N5401_98 Datasheet
30Kb / 1P
   TO-92 PACKAGE
BC237 KEC-BC237_98 Datasheet
30Kb / 1P
   TO-92 PACKAGE
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com