Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KBP301G Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce KBP301G
Description  Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

KBP301G Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  KBP301G Datasheet HTML 1Page - List of Unclassifed Manufacturers KBP301G Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 489-
RATINGS AND CHARACTERISTIC CURVES (KBP301G THRU KBP307G)
FIG.4- TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
0
20
40
60
80
100
120
140
0.1
1
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
TJ=125 C
0
TJ=25 C
0
FIG.1- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER BRIDGE ELEMENT
10
24
6
1
40
60
20
100
30
20
40
50
70
80
60
NUMBER OF CYCLES AT 60Hz
FIG.2- MAXIMUM FORWARD CURRENT DERATING
CURVE
20
40
60
80
100
120
140 150
0
4.0
3.0
2.0
1.0
AMBIENT TEMPERATURE. ( C)
o
FIG.3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER BRIDGE ELEMENT
.6
.7
.9
.8
1.0
1.3
1.1
1.2
1.4
.01
0.1
1.0
10.0
INSTANTANEOUS FORWARD VOLTAGE. (V)
Tj=25 C
PULSE WIDTH-300 S
1% DUTY CYCLE
0


Numéro de pièce similaire - KBP301G

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
KBP301G MCC-KBP301G Datasheet
494Kb / 3P
   3 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Guangdong Juxing Electr...
KBP301G JUXING-KBP301G Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
logo
Dongguan City Niuhang E...
KBP301G NIUHANG-KBP301G Datasheet
370Kb / 3P
   BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBP301G TSC-KBP301G Datasheet
53Kb / 2P
   Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Compact Technology Corp...
KBP301G CTC-KBP301G Datasheet
140Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Description similaire - KBP301G

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60 Datasheet
583Kb / 2P
   Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
KBP301G TSC-KBP301G Datasheet
53Kb / 2P
   Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
UR3KB TSC-UR3KB Datasheet
140Kb / 2P
   Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBPC300G JGD-KBPC300G Datasheet
121Kb / 2P
   SINGLE PHASE 3.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
SB305G TSC-SB305G Datasheet
56Kb / 2P
   Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
KBP301G TSC-KBP301G_08 Datasheet
163Kb / 2P
   Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
KBP301G TSC-KBP301G_1 Datasheet
215Kb / 2P
   Single Phase 3.0 AMPS Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
KBP3005 YANGJIE-KBP3005 Datasheet
270Kb / 2P
   SINGLE PHASE 3.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Kingtronics Internation...
D3UB05 KINGTRONICS-D3UB05_15 Datasheet
375Kb / 2P
   Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
logo
List of Unclassifed Man...
MBS2 ETC-MBS2 Datasheet
42Kb / 2P
   Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com