Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-253L-XXXE Fiches technique(PDF) 2 Page - Agilent(Hewlett-Packard)

No de pièce HCPL-253L-XXXE
Description  LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-253L-XXXE Fiches technique(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL-253L-XXXE Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-253L-XXXE Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-253L-XXXE Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-253L-XXXE Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-253L-XXXE Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-253L-XXXE Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-253L-XXXE Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-253L-XXXE Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-253L-XXXE Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Ordering Information
Specify Part Number followed by Option Number (if desired).
Example:
HCPL-250L #XXXX
060 = IEC/EN/DIN EN 60747-5-2 VIORM
500 = Tape and Reel Packaging Option
XXXE = Lead Free Option
Option data sheets available. Contact Agilent sales representative or
authorized distributor for information.
Schematic
standard dual-in-line package.
The lead profile is designed to be
compatible with standard surface
mount processes.
These optocouplers can be used
in LVTTL/LVCMOS or wide
bandwidth analog applications.
The common mode transient
immunity of 1000 V/
µs minimum
to typical at VCM = 10 V
guaranteed for these
optocouplers.
8-Pin DIP
SO-8 Package
HCPL-250L
HCPL-050L
HCPL-253L
HCPL-053L
IF1
SHIELD
8
7
VCC
+
2
VO1
ICC
VF1
I O1
1
IF2
6
5
GND
4
VO2
VF2
I O2
3
+
IF
SHIELD
8
6
5
GND
VCC
2
3
VO
ICC
VF
IO
ANODE
CATHODE
+
7
VB
IB
*
HCPL-250L/HCPL-050L
HCPL-253L/HCPL-053L
Remarks: The notation “#” is used for existing products, while (new)
products launched since 15th July 2001 and lead free option will use “-”


Numéro de pièce similaire - HCPL-253L-XXXE

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-253L-000E AVAGO-HCPL-253L-000E Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
HCPL-253L-020E AVAGO-HCPL-253L-020E Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
HCPL-253L-060E AVAGO-HCPL-253L-060E Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
HCPL-253L-300E AVAGO-HCPL-253L-300E Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
HCPL-253L-320E AVAGO-HCPL-253L-320E Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
More results

Description similaire - HCPL-253L-XXXE

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-050L AVAGO-HCPL-050L Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
logo
Agilent(Hewlett-Packard...
HCPL270L HP-HCPL270L Datasheet
184Kb / 12P
   Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-000E AVAGO-HCPL-260L-000E Datasheet
216Kb / 20P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL260L HP-HCPL260L Datasheet
187Kb / 14P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W60L-000E AVAGO-ACPL-W60L-000E Datasheet
85Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-300 AVAGO-HCPL-260L-300 Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-070L-500E AVAGO-HCPL-070L-500E Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
logo
ON Semiconductor
NB3L83948C ONSEMI-NB3L83948C Datasheet
87Kb / 7P
   2.5 V / 3.3 V Differential and LVTTL/LVCMOS 2:1 MUX
November, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com