Moteur de recherche de fiches techniques de composants électroniques |
|
HCPL-050L-060 Fiches technique(PDF) 6 Page - Agilent(Hewlett-Packard) |
|
HCPL-050L-060 Fiches technique(HTML) 6 Page - Agilent(Hewlett-Packard) |
6 / 11 page 6 Absolute Maximum Ratings Parameter Symbol Min. Max. Units Note Storage Temperature TS –55 125 °C Operating Temperature TA –55 100 °C –55 85 Average Forward Input Current IF(AVG) 25 mA 1 Peak Forward Input Current IF(PEAK) 2 (50% duty cycle, 1 ms pulse width) 50 mA (50% duty cycle, 1 ms pulse width) 40 Peak Transient Input Current IF(TRANS) 1A ( ≤ 1 µs pulse width, 300 pps) 0.1 Reverse LED Input Voltage (Pin 3-2) VR 5V Input Power Dissipation PIN 45 mW 3 4 Average Output Current (Pin 6) IO(AVG) 8mA Peak Output Current IO(PEAK) 16 mA Emitter-Base Reverse Voltage VEBR 5V Supply Voltage (Pin 8-5) VCC –0.5 7 V Output Voltage (Pin 6-5) VO –0.5 7 V Base Current IB 5mA Output Power Dissipation PO 100 mW 4 Lead Solder Temperature (Through Hole Parts Only) 1.6 mm below seating plane, 10 sec. TLS 260 °C up to seating plane, 10 seconds 260 °C Reflow Temperature Profile TRP See Package Outline Drawings section Recommended Operating Conditions Parameter Symbol Min. Max. Units Power Supply Voltage VCC 2.7 3.6 V Forward Input Current IF(ON) 16 20 mA Forward Input Voltage VF(OFF) 00.8 V Operating Temperature TA 085 °C |
Numéro de pièce similaire - HCPL-050L-060 |
|
Description similaire - HCPL-050L-060 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |