Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HE104 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce HE104
Description  PC/104 High Efficiency Vehicle Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

HE104 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  HE104 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PC/104 Power Supply
HE104: PC/104 High Efficiency Vehicle Power Supply
ENVIRONMENTAL
MECHANICAL
Temperature Range
-40 to +85 C
Size (W x L x H) ****
3.55” x 3.75” x 0.60”
Weight
6.08 oz / 172.37 grams
°
* Current rating includes current supplied to 12V, -5V
& -12V regulators
** Measured on the 5V output
*** LEDs disabled and power supply is in shutdown
mode
**** Not including pass through pins
ELECTRICAL
1. Output Voltage
2. Input Voltage
3. Performance Characteristics
5V output *
10.0 A
12V output
2.0 A
-5V output
0.4 A
-12V output
0.5 A
Peak to Peak ripple *
<20 mV
Load Regulation **
<60 mV
Line Regulation **
40 mV
Output Temp. Drift **
<40 mV
Output Ripple **
20 mV
Quiescent Current ***
2 mA
Efficiency
up to 95%
±
6 to 40 VDC
ORDERING INFORMATION
Part #
Description
HE104-512-16
+5V & +12V outputs
OPT-5H
-5V output
OPT-12H
-12V output
OPT-512H
-5V & -12V outputs
OPT-T
AC Bus Termination installed onto the
power supply
RPD
Reverse Polarity Diode for reverse input
protection
Options (factory configured)
FEATURES
6
6
6
6
6
6
6
6
6
50W output
6 to 40 VDC input range
Standard +5V & +12V, optional -5V & -12V
Low quiescent current
PC/104 compliant, highly compact
Clean & filtered power for the PC/104 bus
Temperature range: -40 to +85°C
Optional AC bus Termination to reduce
noise on the bus
Optional reverse input protection
(Part # RPD)


Numéro de pièce similaire - HE104

FabricantNo de pièceFiches techniqueDescription
logo
auris-GmbH
HE1045 AURIS-HE1045 Datasheet
45Kb / 1P
   Quartz SMD, Epoxy
HE1045 AURIS-HE1045 Datasheet
978Kb / 1P
   Quartz SMD
HE1045/2 AURIS-HE1045/2 Datasheet
978Kb / 1P
   Quartz SMD
HE1045/4 AURIS-HE1045/4 Datasheet
978Kb / 1P
   Quartz SMD
HE1045 AURIS-HE1045_1 Datasheet
978Kb / 1P
   Quartz SMD
More results

Description similaire - HE104

FabricantNo de pièceFiches techniqueDescription
logo
AAEON Technology
PFM-P13DW2 AAEON-PFM-P13DW2 Datasheet
192Kb / 1P
   PC/104 Power Supply
logo
Total Power Internation...
TP-DMP-0070 TOTAL-POWER-TP-DMP-0070 Datasheet
125Kb / 2P
   NEW PC 104 POWER SUPPLY TP-DMP-0070 PC 104 Power Supply
PC10 TOTAL-POWER-PC10 Datasheet
129Kb / 2P
   NEW PC 104 POWER SUPPLY
logo
ADL Embedded Solutions
ADLPS104CF ADL-ADLPS104CF Datasheet
185Kb / 1P
   Power Supply with CF Socket PC/104
logo
List of Unclassifed Man...
962-60206-03 ETC2-962-60206-03 Datasheet
191Kb / 2P
   PC/104, PC/104-Plus, VarPol connector
MSM386SN ETC2-MSM386SN Datasheet
34Kb / 1P
   MICROSPACE PC/104
logo
ADL Embedded Solutions
104-PWR-512A ADL-104-PWR-512A Datasheet
323Kb / 2P
   PC/104 Peripherals
ADLLVDSTTL ADL-ADLLVDSTTL Datasheet
291Kb / 6P
   PC/104 Accessories
logo
Axiomtek Co., Ltd.
AX10460 AXIOMTEK-AX10460 Datasheet
211Kb / 1P
   PC/104 breadboard
logo
ADL Embedded Solutions
ADLL8XPC ADL-ADLL8XPC Datasheet
278Kb / 3P
   PC/104-Plus
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com