Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL12059 Fiches technique(PDF) 1 Page - Renesas Technology Corp

No de pièce ISL12059
Description  Low Cost and Low Power I2C Bus Real Time Clock/Calendar Low Power and Low Cost RTC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL12059 Fiches technique(HTML) 1 Page - Renesas Technology Corp

  ISL12059 Datasheet HTML 1Page - Renesas Technology Corp ISL12059 Datasheet HTML 2Page - Renesas Technology Corp ISL12059 Datasheet HTML 3Page - Renesas Technology Corp ISL12059 Datasheet HTML 4Page - Renesas Technology Corp ISL12059 Datasheet HTML 5Page - Renesas Technology Corp ISL12059 Datasheet HTML 6Page - Renesas Technology Corp ISL12059 Datasheet HTML 7Page - Renesas Technology Corp ISL12059 Datasheet HTML 8Page - Renesas Technology Corp ISL12059 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FN6757 Rev 0.00
Page 1 of 11
Jun 15, 2009
FN6757
Rev 0.00
Jun 15, 2009
ISL12059
Low Cost and Low Power I2C Bus Real Time Clock/Calendar Low Power and Low
Cost RTC
DATASHEET
The ISL12059 device is a low power real time clock with
clock/calendar, and 512Hz/digital output function.
The oscillator uses an external, low-cost 32.768kHz crystal.
The real time clock tracks time with separate registers for
hours, minutes, and seconds. The device has calendar
registers for date, month, year and day of the week. The
calendar is accurate through 2099, with automatic leap year
correction.
Pinout
ISL12059
(8 LD SOIC)
TOP VIEW
Features
• Real Time Clock/Calendar
- Tracks Time in Hours, Minutes, and Seconds
- Day of the Week, Date, Month, and Year
• 512Hz Frequency Output
•I2C Bus
- 400kHz Data Transfer Rate
• Small Package Option
- 8 Ld SOIC Package
- Pb-Free (RoHS Compliant)
• Low Cost 3V Alternative to M41T00S, DS1340 and
ISL12008
Applications
• Utility Meters
• HVAC Equipment
• Audio/Video Components
• Set-Top Box/Television
• Modems
• Network Routers, Hubs, Switches, Bridges
• Cellular Infrastructure Equipment
• Fixed Broadband Wireless Equipment
• Pagers/PDA
• Point Of Sale Equipment
• Test Meters/Fixtures
• Office Automation (Copiers, Fax)
• Home Appliances
• Computer Products
• Other Industrial/Medical/Automotive
.
X1
X2
NC
GND
1
2
3
4
8
7
6
5
VDD
FT/OUT
SCL
SDA
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
VDD RANGE
(V)
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL12059IBZ
12059 IBZ
1.4 to 3.6
-40 to +85
8 Ld SOIC
M8.15
ISL12059IBZ-T*
12059 IBZ
1.4 to 3.6
-40 to +85
8 Ld SOIC (Tape and Reel) M8.15
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
NOT RECOMMENDED FOR
NEW DESIGNS
NO RECOMMENDED REPLA
CEMENT
contact our Technical Supp
ort Center at
1-888-INTERSIL or www.inte
rsil.com/tsc


Numéro de pièce similaire - ISL12059

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL12059 INTERSIL-ISL12059 Datasheet
196Kb / 11P
   Low Cost and Low Power I2C Bus??Real Time Clock/Calendar
ISL12059 INTERSIL-ISL12059 Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12059 INTERSIL-ISL12059 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL12059IBZ INTERSIL-ISL12059IBZ Datasheet
196Kb / 11P
   Low Cost and Low Power I2C Bus??Real Time Clock/Calendar
ISL12059IBZ-T INTERSIL-ISL12059IBZ-T Datasheet
196Kb / 11P
   Low Cost and Low Power I2C Bus??Real Time Clock/Calendar
More results

Description similaire - ISL12059

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL12057 INTERSIL-ISL12057 Datasheet
298Kb / 17P
   Low Cost and Low Power I2C RTC Real Time Clock/Calendar
ISL12059 INTERSIL-ISL12059 Datasheet
196Kb / 11P
   Low Cost and Low Power I2C Bus??Real Time Clock/Calendar
ISL12058 INTERSIL-ISL12058 Datasheet
329Kb / 19P
   Low Cost and Low Power I2C-Bus??Real Time Clock/Calendar
logo
Renesas Technology Corp
ISL12058 RENESAS-ISL12058 Datasheet
837Kb / 20P
   Low Cost and Low Power I2C-Bus Real Time Clock/Calendar Low Power and Low Cost RTC with Alarm Function
ISL12057 RENESAS-ISL12057 Datasheet
764Kb / 18P
   Low Cost and Low Power I2C RTC Real Time Clock/Calendar with Alarm Function and Dual IRQ Pins
logo
Microchip Technology
MCP7940M-I MICROCHIP-MCP7940M-I Datasheet
1,006Kb / 38P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM
11/29/11
MCP7940M MICROCHIP-MCP7940M Datasheet
1,006Kb / 38P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM
11/29/11
MCP7940N MICROCHIP-MCP7940N Datasheet
562Kb / 36P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
2011
MCP7940N MICROCHIP-MCP7940N_13 Datasheet
1Mb / 42P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
11/29/12
MCP7940NT-I-MNY MICROCHIP-MCP7940NT-I-MNY Datasheet
1Mb / 42P
   Low-Cost I2C Real-Time Clock/Calendar with SRAM and Battery Switchover
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com