Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EL5120 Fiches technique(PDF) 10 Page - Renesas Technology Corp

No de pièce EL5120
Description  12MHz Rail-to-Rail Input-Output Op Amps
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5120 Fiches technique(HTML) 10 Page - Renesas Technology Corp

Back Button EL5120 Datasheet HTML 6Page - Renesas Technology Corp EL5120 Datasheet HTML 7Page - Renesas Technology Corp EL5120 Datasheet HTML 8Page - Renesas Technology Corp EL5120 Datasheet HTML 9Page - Renesas Technology Corp EL5120 Datasheet HTML 10Page - Renesas Technology Corp EL5120 Datasheet HTML 11Page - Renesas Technology Corp EL5120 Datasheet HTML 12Page - Renesas Technology Corp EL5120 Datasheet HTML 13Page - Renesas Technology Corp EL5120 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
EL5120, EL5220, EL5420
FN7186 Rev 8.00
Page 10 of 21
October 15, 2015
FIGURE 19. TOTAL HARMONIC DISTORTION + NOISE vs
FREQUENCY
FIGURE 20. CHANNEL SEPARATION vs FREQUENCY
RESPONSE
FIGURE 21. SMALL SIGNAL OVERSHOOT vs LOAD
CAPACITANCE
FIGURE 22. SETTLING TIME vs STEP SIZE
FIGURE 23. LARGE SIGNAL TRANSIENT RESPONSE
FIGURE 24. SMALL SIGNAL TRANSIENT RESPONSE
Typical Performance Curves (Continued)
1k
10k
100k
0.005
0.008
FREQUENCY (Hz)
0.010
0.001
0.003
VS = ±5V
RL = 10k
AV = 1
VIN = 1VRMS
0.006
0.009
0.007
0.004
0.002
1k
-60
FREQUENCY (Hz)
-140
-120
-100
-80
1M
6M
10k
100k
VS = ±5V
RL = 10k
AV = 1
VIN = 220mVRMS
DUAL MEASURED CHANNEL A TO B
QUAD MEASURED CHANNEL A TO D
OR B TO C
OTHER COMBINATIONS YIELD
IMPROVED REJECTION
10
100
1k
LOAD CAPACITANCE (pF)
VS = ±5V
AV = 1
RL = 10k
VIN = ±50mV
TA = +25°C
50
90
70
30
10
800
-2
2
SETTLING TIME (ns)
600
0
4
200
400
3
1
-3
0
-1
-4
VS = ±5V
AV = 1
RL = 10k
CL = 12pF
TA = +25°C
0.1%
0.1%
VS = ±5V
TA = +25°C
AV = 1
RL = 10k
CL = 12pF
1V
1µs
VS = ±5V
TA = +25°C
AV = 1
RL = 10k
CL = 12pF
50mV
200ns


Numéro de pièce similaire - EL5120

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
EL5120 INTERSIL-EL5120 Datasheet
379Kb / 20P
   12MHz Rail-to-Rail Input-Output Op Amps
EL5120 INTERSIL-EL5120 Datasheet
494Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
EL5120IWT-T7 INTERSIL-EL5120IWT-T7 Datasheet
379Kb / 20P
   12MHz Rail-to-Rail Input-Output Op Amps
EL5120IWT-T7 INTERSIL-EL5120IWT-T7 Datasheet
494Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
EL5120IWT-T7A INTERSIL-EL5120IWT-T7A Datasheet
379Kb / 20P
   12MHz Rail-to-Rail Input-Output Op Amps
More results

Description similaire - EL5120

FabricantNo de pièceFiches techniqueDescription
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5120IWT-T7 INTERSIL-EL5120IWT-T7 Datasheet
494Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
EL5120 INTERSIL-EL5120 Datasheet
379Kb / 20P
   12MHz Rail-to-Rail Input-Output Op Amps
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210_07 Datasheet
302Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210 Datasheet
216Kb / 13P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com