Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GNM214R71C104MA01 Fiches technique(PDF) 5 Page - Murata Manufacturing Co., Ltd.

No de pièce GNM214R71C104MA01
Description  CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GNM214R71C104MA01 Fiches technique(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  GNM214R71C104MA01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GNM214R71C104MA01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GNM214R71C104MA01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GNM214R71C104MA01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GNM214R71C104MA01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GNM214R71C104MA01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GNM214R71C104MA01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GNM214R71C104MA01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GNM214R71C104MA01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Test method : Deflection
・Test substrate
Material
: Copper-clad laminated sheets for PCBs
          (Glass fabric base, epoxy resin)
Thickness : t:0.8mm
Copper foil thickness : 0.035mm
(Coat with heat resistant resin for solder)
Fig. 1 (in:mm)
Fig.2
(in:mm)
Adhesive Strength of Termination,Vibration Resistance,Temperature Cycle,
Humidity Steady State,Humidity Load,High Temperature Load
・Test substrate
Material
: Copper-clad laminated sheets for PCBs
(Glass fabric base, epoxy resin)
Thickness : 1.6mm
Copper foil thickness : 0.035mm
Fig. 3
(in:mm)
■SPECIFICATIONS AND TEST METHODS
R230
20
50
Flexure:≦1
Capacitance meter
Pressurization
speed
1.0mm/s
Pressurize
45
45
・GN□□□4
100
1.0
b
a
5.0
d
c
GNM□□2
100
1.0
b
a
5.0
d
c
Type
a
b
c
d
GNM1M2
2.0±0.05
0.5±0.05
0.32±0.05
0.32±0.05
GNM212
2.0±0.05
0.6±0.05
0.5±0.05
0.5±0.05
GNM214
2.0±0.05
0.7±0.05
0.3±0.05
0.2±0.05
GN□314
2.5±0.05
0.8±0.05
0.4±0.05
0.4±0.05
・GN□□□4
c
Solder resist
Copper foil
a
b
d
・GNM□□2
c
a
d
b
Solder resist
Copper foil
Type
a
b
c
d
GNM1M2
0.5
1.6
0.32
0.32
GNM212
0.6
1.8
0.5
0.5
GNM214
0.6
2.0
0.25
0.25
GN□314
0.8
2.5
0.4
0.4
JEMCCS-0001K
5


Numéro de pièce similaire - GNM214R71C104MA01

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
GNM214R71C104MAA1 MURATA-GNM214R71C104MAA1 Datasheet
604Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
More results

Description similaire - GNM214R71C104MA01

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
GNM0M2R60J473ME17 MURATA-GNM0M2R60J473ME17 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM0M2R61A103ME17 MURATA-GNM0M2R61A103ME17 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM0M2R61A473ME17 MURATA-GNM0M2R61A473ME17 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM0M2R61C473ME18 MURATA-GNM0M2R61C473ME18 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM214R61A105ME17 MURATA-GNM214R61A105ME17 Datasheet
668Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM214R71C223MA01 MURATA-GNM214R71C223MA01 Datasheet
604Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM214R71E103MA01 MURATA-GNM214R71E103MA01 Datasheet
604Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM214R71E222MA01 MURATA-GNM214R71E222MA01 Datasheet
604Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM0M2R61C103ME18 MURATA-GNM0M2R61C103ME18 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM0M2R60J105ME18 MURATA-GNM0M2R60J105ME18 Datasheet
680Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com