Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA6509 Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce TDA6509
Description  3-band mixer/oscillator and PLL for terrestrial tuners
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6509 Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button TDA6509 Datasheet HTML 2Page - NXP Semiconductors TDA6509 Datasheet HTML 3Page - NXP Semiconductors TDA6509 Datasheet HTML 4Page - NXP Semiconductors TDA6509 Datasheet HTML 5Page - NXP Semiconductors TDA6509 Datasheet HTML 6Page - NXP Semiconductors TDA6509 Datasheet HTML 7Page - NXP Semiconductors TDA6509 Datasheet HTML 8Page - NXP Semiconductors TDA6509 Datasheet HTML 9Page - NXP Semiconductors TDA6509 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
2005 Mar 25
6
Philips Semiconductors
Product specification
3-band mixer/oscillator and PLL for
terrestrial tuners
TDA6508; TDA6508A;
TDA6509; TDA6509A
7
PINNING
SYMBOL
PIN
DESCRIPTION
TDA6508;
TDA6508A
TDA6509;
TDA6509A
HIGH_RFIN1
1
32
HIGH band RF input 1
HIGH_RFIN2
2
31
HIGH band RF input 2
MID_RFIN1
3
30
MID band RF input 1
MID_RFIN2
4
29
MID band RF input 2
LOW_RFIN
5
28
LOW band RF input
RF_GND
6
27
RF ground
MIX_OUT1
7
26
mixer output 1 (to external IF filter)
MIX_OUT2
8
25
mixer IF output 2 (to external IF filter)
IFAMP_IN1
9
24
IF amplifier input 1 (from external IF filter)
IFAMP_IN2
10
23
IF amplifier input 2 (from external IF filter)
P2
11
22
HIGH band port output
P1
12
21
MID band port output
P0
13
20
LOW band port output
P3
14
19
general purpose port - test mode output
SDA
15
18
serial data input/output
SCL
16
17
serial clock input
XTAL_REF
17
16
crystal oscillator reference signal input
ADC/P4
18
15
ADC input/general purpose port output
CP
19
14
charge-pump output
VT
20
13
tuning voltage output
AS
21
12
address selection input
PLL_GND
22
11
PLL ground
IFAMP_OUT1
23
10
IF amplifier output 1
IFAMP_OUT2
24
9
IF amplifier output 2 (TDA6508 and TDA6509 only)
IF_GND
24
9
IF ground (TDA6508A and TDA6509A only)
VCC
25
8
supply voltage
HIGH_OSCIN1
26
7
HIGH band oscillator input 1
HIGH_OSCIN2
27
6
HIGH band oscillator input 2
MID_OSCIN1
28
5
MID band oscillator input 1
MID_OSCIN2
29
4
MID band oscillator input 2
OSC_GND
30
3
oscillator ground
LOW_OSCOUT
31
2
LOW band oscillator output
LOW_OSCIN
32
1
LOW band oscillator input


Numéro de pièce similaire - TDA6509

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA6500 PHILIPS-TDA6500 Datasheet
223Kb / 37P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Rev. 02-14 June 2005
TDA6500TT PHILIPS-TDA6500TT Datasheet
205Kb / 40P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
2003 Jun 05
TDA6500TT PHILIPS-TDA6500TT Datasheet
223Kb / 37P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Rev. 02-14 June 2005
TDA6501 PHILIPS-TDA6501 Datasheet
223Kb / 37P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Rev. 02-14 June 2005
TDA6501TT PHILIPS-TDA6501TT Datasheet
205Kb / 40P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
2003 Jun 05
More results

Description similaire - TDA6509

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
TDA6404 PHILIPS-TDA6404 Datasheet
221Kb / 32P
   5 V mixer/oscillator-PLL synthesizers for hyperband tuners
1999 Jan 13
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
TDA6650TT NXP-TDA6650TT Datasheet
346Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 05-10 January 2007
TDA6650TT PHILIPS-TDA6650TT Datasheet
377Kb / 55P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
2004 Mar 22
TDA6650ATT NXP-TDA6650ATT Datasheet
336Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 02-2 February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com