Moteur de recherche de fiches techniques de composants électroniques |
|
GNM1M2R61A225ME18 Fiches technique(PDF) 1 Page - Murata Manufacturing Co., Ltd. |
|
GNM1M2R61A225ME18 Fiches technique(HTML) 1 Page - Murata Manufacturing Co., Ltd. |
1 / 24 page GNM1M2R61A225ME18_ (0504, X5R, 2.2uF, 10Vdc) _: packaging code Reference Sheet 1.Scope 2.MURATA Part NO. System (Ex.) 3. Type & Dimensions (Unit:mm) 4.Rated value 5.Package Product specifications in this catalog are as of Jan.30,2013,and are subject to change or obsolescence without notice. Please consult the approval sheet before ordering. Please read rating and !Cautions first. CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL 0.64±0.05 2.2 uF Temp. Range (Ref.Temp.) (8) Packaging mark (4) DC Rated Voltage Packaging Unit ±20 % -55 to 85 °C -15 to 15 % -55 to 85 °C (25 °C) (3) Temperature Characteristics (Public STD Code):X5R(EIA) Specifications and Test Methods (Operationg Temp. Range) Temp. coeff or Cap. Change (5) Nominal Capacitance (6) Capacitance Tolerance 10 Vdc Only Reflow Soldering (2) T 0.8+0.0/-0.15 This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment. This product is applied for Only Reflow Soldering. (1)-1 L 1.37±0.15 (1)-2 W 1.0±0.15 p D f180mm Reel PAPER W8P4 4000 pcs./Reel J f330mm Reel PAPER W8P4 10000 pcs./Reel (1)L/W Dimensions (2)Number of Elements (3)Temperature Characteristics (4)DC Rated Voltage (5)Nominal Capacitance (6)Capacitance Tolerance (8)Packaging Code (7)Murata’s Control Code L T W P GNM 1M 2 R6 1A 225 M E18 D GNM1M2R61A225ME18-01 1 |
Numéro de pièce similaire - GNM1M2R61A225ME18 |
|
Description similaire - GNM1M2R61A225ME18 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |