Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL78200 Fiches technique(PDF) 9 Page - Renesas Technology Corp

No de pièce ISL78200
Description  2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL78200 Fiches technique(HTML) 9 Page - Renesas Technology Corp

Back Button ISL78200 Datasheet HTML 5Page - Renesas Technology Corp ISL78200 Datasheet HTML 6Page - Renesas Technology Corp ISL78200 Datasheet HTML 7Page - Renesas Technology Corp ISL78200 Datasheet HTML 8Page - Renesas Technology Corp ISL78200 Datasheet HTML 9Page - Renesas Technology Corp ISL78200 Datasheet HTML 10Page - Renesas Technology Corp ISL78200 Datasheet HTML 11Page - Renesas Technology Corp ISL78200 Datasheet HTML 12Page - Renesas Technology Corp ISL78200 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
ISL78200
FN7641 Rev 2.00
Page 9 of 22
December 24, 2013
Performance Curves
FIGURE 5. EFFICIENCY, SYNCHRONOUS BUCK, FORCED PWM
MODE, 500kHz, VOUT 5V, TA = +25°C
FIGURE 6. EFFICIENCY, SYNCHRONOUS BUCK, PFM MODE,
VOUT 5V, TA = +25°C
FIGURE 7. LINE REGULATION, VOUT 5V, TA = +25°C
FIGURE 8. LOAD REGULATION, VOUT 5V, TA = +25°C
FIGURE 9. EFFICIENCY, SYNCHRONOUS BUCK, FORCED PWM
MODE, 500kHz, VOUT 3.3V, TA = +25°C
FIGURE 10. EFFICIENCY, SYNCHRONOUS BUCK, PFM MODE,
VOUT 3.3V, TA = +25°C
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
0.0
0.5
1.0
1.5
2.0
LOAD CURRENT (A)
12V VIN
24V VIN
40V VIN
6V VIN
2.5
50
55
60
65
70
75
80
85
90
95
100
0.1m
1m
10m
100m
1
2.5
LOAD CURRENT (A)
6V VIN
12V VIN
24V VIN
40V VIN
4.950
4.952
4.954
4.956
4.958
4.960
4.962
4.964
4.966
4.968
4.970
0
5
10
15
20
25
30
35
40
45
50
INPUT VOLTAGE (V)
IO = 2A
IO = 0A
IO = 1A
4.950
4.952
4.954
4.956
4.958
4.960
4.962
4.964
4.966
4.968
4.970
0.0
0.5
1.0
1.5
2.0
2.5
LOAD CURRENT (A)
6V VIN
12V VIN
24V VIN
40V VIN
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
0.0
0.5
1.0
1.5
2.0
2.5
LOAD CURRENT (A)
6V VIN
12V VIN
24V VIN
40V VIN
1m
10m
100m
1
2.5
LOAD CURRENT (A)
0.1m
6V VIN
12V VIN
24V VIN
40V VIN
40
45
50
55
60
65
70
75
80
85
90
95
100


Numéro de pièce similaire - ISL78200

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL78200 INTERSIL-ISL78200 Datasheet
963Kb / 19P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78200 INTERSIL-ISL78200 Datasheet
978Kb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
December 24, 2013
ISL78200AVEZ INTERSIL-ISL78200AVEZ Datasheet
963Kb / 19P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78200AVEZ INTERSIL-ISL78200AVEZ Datasheet
978Kb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
December 24, 2013
ISL78200EVAL1Z INTERSIL-ISL78200EVAL1Z Datasheet
978Kb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
December 24, 2013
More results

Description similaire - ISL78200

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL85402 RENESAS-ISL85402 Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL85402 INTERSIL-ISL85402 Datasheet
901Kb / 18P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78200AVEZ INTERSIL-ISL78200AVEZ Datasheet
978Kb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
December 24, 2013
ISL85402IRZ-TK INTERSIL-ISL85402IRZ-TK Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78200 INTERSIL-ISL78200 Datasheet
963Kb / 19P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL85403 INTERSIL-ISL85403 Datasheet
966Kb / 24P
   2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
March 13, 2015
logo
Renesas Technology Corp
ISL85403 RENESAS-ISL85403 Datasheet
1Mb / 24P
   2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78201 RENESAS-ISL78201 Datasheet
1Mb / 23P
   40V 2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL78201AVEZ INTERSIL-ISL78201AVEZ Datasheet
917Kb / 23P
   40V 2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
March 31, 2015
logo
Altera Corporation
ER3125QI ALTERA-ER3125QI Datasheet
2Mb / 30P
   MOSFET for Synchronous Buck or Boost Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com