Moteur de recherche de fiches techniques de composants électroniques |
|
BUK7508-55A Fiches technique(PDF) 1 Page - NXP Semiconductors |
|
BUK7508-55A Fiches technique(HTML) 1 Page - NXP Semiconductors |
1 / 14 page BUK7508-55A; BUK7608-55A TrenchMOS™ standard level FET Rev. 02 — 17 January 2002 Product data 1. Description N-channel enhancement mode field-effect power transistor in a plastic package using TrenchMOS™ technology, featuring very low on-state resistance. Product availability: BUK7508-55A in SOT78 (TO-220AB) BUK7608-55A in SOT404 (D2-PAK). 2. Features s TrenchMOS™ technology s Q101 compliant s 175 °C rated s Standard level compatible. 3. Applications s Automotive systems s Motors, lamps and solenoids s 12 V and 24 V loads s General purpose power switching. 4. Pinning information [1] It is not possible to make connection to pin 2 of the SOT404 package. Table 1: Pinning - SOT78 and SOT404, simplified outline and symbol Pin Description Simplified outline Symbol 1 gate (g) SOT78 (TO-220AB) SOT404 (D2-PAK) 2 drain (d) [1] 3 source (s) mb mounting base; connected to drain (d) MBK106 12 mb 3 13 2 MBK116 mb s d g MBB076 |
Numéro de pièce similaire - BUK7508-55A |
|
Description similaire - BUK7508-55A |