Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


TC7PA04FU Datasheet(Fiches technique) 6 Page - Toshiba Semiconductor

Numéro de pièce TC7PA04FU
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 6 page
background image
TC7PA04FU
2002-08-21
6
Figure 1
Test Circuit
AC Waveforms
Figure 2
tpLH, tpHL
Output
Measure
CL = 30 pF
RL = 500 W
90%
10%
Output
Input
VOL
VOH
VIH
VM
tpLH
tpHL
2.0 ns
2.0 ns
tr
tf
VCC
Symbol
3.3
± 0.3 V
2.5
± 0.2 V
1.8 V
VIH
2.7 V
VCC
VCC
VM
1.5 V
VCC/2
VCC/2
VM




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
TC74HC374AFWTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TC74ACT139FNTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TC74HC573APTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TC74ACT175PTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TC74HC4050APTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TC74HC153AFTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TC7MA245FKTOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TC7PA05FUTOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TC74LCX164245FTTOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TC90A67FTOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl