Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74VCXHQ163245LBR Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce 74VCXHQ163245LBR
Description  16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH BUS HOLD AND EMI NOISE CONTROL
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCXHQ163245LBR Fiches technique(HTML) 5 Page - STMicroelectronics

  74VCXHQ163245LBR Datasheet HTML 1Page - STMicroelectronics 74VCXHQ163245LBR Datasheet HTML 2Page - STMicroelectronics 74VCXHQ163245LBR Datasheet HTML 3Page - STMicroelectronics 74VCXHQ163245LBR Datasheet HTML 4Page - STMicroelectronics 74VCXHQ163245LBR Datasheet HTML 5Page - STMicroelectronics 74VCXHQ163245LBR Datasheet HTML 6Page - STMicroelectronics 74VCXHQ163245LBR Datasheet HTML 7Page - STMicroelectronics 74VCXHQ163245LBR Datasheet HTML 8Page - STMicroelectronics 74VCXHQ163245LBR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
74VCXHQ163245
5/17
Table 6: DC Specification For VCCA
(*) VCC range = 3.3±0.3; 2.5±0.2V; 1.8±0.15V
Symbol
Parameter
Test Condition
Value
Unit
VCCB
(*)
(V)
VCCA
(*)
(V)
TA = 25 °C
-40 to 85 °C
Min.
Typ.
Max.
Min.
Max.
VIHA
High Level Input
Voltage (An)
1.8
2.5
1.6
1.6
V
1.8
3.3
2.0
2.0
2.5
3.3
2.0
2.0
VILA
Low Level Input
Voltage (An)
1.8
2.5
0.7
0.7
V
1.8
3.3
0.8
0.8
2.5
3.3
0.8
0.8
VOHA
High Level
Output Voltage
2.3
3.0
IO=-100µA
2.8
2.8
V
2.3
3.0
IO=-2.6mA
2.61
2.55
1.65
3.0
IO=-2.6mA
2.61
2.55
1.65
2.3
IO=-2.1mA
1.95
1.87
VOLA
Low Level
Output Voltage
2.3
3.0
IO=100µA
0.2
0.2
V
2.3
3.0
IO=2.6mA
0.31
0.33
1.65
3.0
IO=2.6mA
0.31
0.33
1.65
2.3
IO=2.1mA
0.31
0.33
IIA
Input Leakage
Current
2.7
3.6
VI = VCC or GND
± 0.5
± 5
µA
IIA(HOLD) Input Hold
Current
1.65
2.3
VI = 0.7 V
45
45
µA
1.65
2.3
VI = 1.6 V
-45
-45
1.65
3.0
VI = 0.8 V
75
75
1.65
3.0
VI = 2.0 V
-75
-75
2.3
3.0
VI = 0.8 V
75
75
2.3
3.0
VI = 2.0 V
-75
-75
2.7
3.6
VI = 0 to 3.6 V
± 500
IOZA
High Impedance
Output Leakage
Current
2.7
3.6
VIA = GND or 3.6V
VIB = VIHB or VILB
G = VCCB
± 1.0
± 10
µA
IOFF
Power Off
Leakage Current
00
VIA = GND to 3.6V
VIB = GND to 3.6V
G, Dir = GND to
3.6V
± 1.0
± 10
µA
ICCtA
Quiescent
Supply Current
1.95
3.6
VIA =VCCA or GND
VIB =VCCB or GND
Dir or G=VCCB or
GND
220
µA
1.95
2.7
2.7
3.6
∆ICCtA Maximum
Quiescent
Supply Current /
Input (An)
2.7
3.6
VIA =VCCA - 0.6V
VIB =VCCB or GND
0.75
mA
1.95
3.6
1.95
2.7


Numéro de pièce similaire - 74VCXHQ163245LBR

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VCXH162240 FAIRCHILD-74VCXH162240 Datasheet
78Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26廓 Series Resistors in Outputs
74VCXH162240MTD FAIRCHILD-74VCXH162240MTD Datasheet
78Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26廓 Series Resistors in Outputs
74VCXH162240MTX FAIRCHILD-74VCXH162240MTX Datasheet
78Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26廓 Series Resistors in Outputs
74VCXH162244 FAIRCHILD-74VCXH162244 Datasheet
77Kb / 7P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26W Series Resistor in Outputs
74VCXH162244 FAIRCHILD-74VCXH162244 Datasheet
138Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26ohm Series Resistor in Outputs
More results

Description similaire - 74VCXHQ163245LBR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
74VCX163245 STMICROELECTRONICS-74VCX163245 Datasheet
342Kb / 15P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR
74VCX1632245 STMICROELECTRONICS-74VCX1632245 Datasheet
662Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
74VCXH1632245 STMICROELECTRONICS-74VCXH1632245 Datasheet
386Kb / 17P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
74VCX1632245TBR STMICROELECTRONICS-74VCX1632245TBR Datasheet
633Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
logo
Texas Instruments
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC16T245 TI1-SN74LVC16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com