Moteur de recherche de fiches techniques de composants électroniques |
|
ST1000C20K3 Fiches technique(PDF) 6 Page - International Rectifier |
|
ST1000C20K3 Fiches technique(HTML) 6 Page - International Rectifier |
6 / 7 page ST1000C..KSeries 6 www.irf.com Bulletin I25202 rev. A 01/00 Fig. 7 - Maximum Non-Repetitive Surge Current Single and Double Side Cooled Fig. 3 - Current Ratings Characteristics Fig. 4 - Current Ratings Characteristics Fig. 5- On-state Power Loss Characteristics Fig. 6- On-state Power Loss Characteristics Fig. 8 - Maximum Non-Repetitive Surge Current Single and Double Side Cooled Average On-state Current (A) Average On-state Current (A) Average On-state Current (A) Average On-state Current (A) Number Of Equal Amplitude Half Cycle Current Pulses (N) Pulse Train Duration (s) 40 50 60 70 80 90 100 110 120 130 0 400 800 1200 1600 30˚ 60˚ 90˚ 120˚ 180˚ Conduction Angle ST1000C..K Series (Double Side Cooled) R (DC) = 0.021 K/W thJ-hs 40 50 60 70 80 90 100 110 120 130 0 400 800 1200 1600 2000 2400 DC 30˚ 60˚ 90˚ 120˚ 180˚ Conduction Period ST1000C..K Series (Double Side Cooled) R (DC) = 0.021 K/W thJ-hs 0 500 1000 1500 2000 2500 3000 0 400 800 1200 1600 RMS Limit Conduction Angle 180˚ 120˚ 90˚ 60˚ 30˚ ST1000C..K Series T = 125˚C J 0 500 1000 1500 2000 2500 3000 3500 4000 0 500 1000 1500 2000 2500 DC 180˚ 120˚ 90˚ 60˚ 30˚ RMS Limit Conduction Period ST1000C..K Series T = 125˚C J 6000 8000 10000 12000 14000 16000 18000 1 10 100 ST1000C..K Series Initial T = 125˚C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s J At Any Rated Load Condition And With Rated V Applied Following Surge. RRM 6000 8000 10000 12000 14000 16000 18000 20000 22000 0.01 0.1 1 Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Control Of Conduction May Not Be Maintained. ST1000C..K Series Initial T = 125˚C No Voltage Reapplied Rated V Reapplied RRM J |
Numéro de pièce similaire - ST1000C20K3 |
|
Description similaire - ST1000C20K3 |