Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL51002 Fiches technique(PDF) 19 Page - Renesas Technology Corp

No de pièce ISL51002
Description  10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL51002 Fiches technique(HTML) 19 Page - Renesas Technology Corp

Back Button ISL51002 Datasheet HTML 15Page - Renesas Technology Corp ISL51002 Datasheet HTML 16Page - Renesas Technology Corp ISL51002 Datasheet HTML 17Page - Renesas Technology Corp ISL51002 Datasheet HTML 18Page - Renesas Technology Corp ISL51002 Datasheet HTML 19Page - Renesas Technology Corp ISL51002 Datasheet HTML 20Page - Renesas Technology Corp ISL51002 Datasheet HTML 21Page - Renesas Technology Corp ISL51002 Datasheet HTML 22Page - Renesas Technology Corp ISL51002 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
ISL51002
FN6164 Rev 3.00
Page 19 of 33
February 29, 2012
0x31
HSYNC/SOG Config,
(0x04)
3:0
Glitch Filter Width
0: 16 crystal clocks
1: 17 crystal clocks
2: 1 crystal clocks
3: 2 crystal clocks
4: 3 crystal clocks (default)
5: 4 crystal clocks
6: 5 crystal clocks
7: 6 crystal clocks
8: 7 crystal clocks
9: 8 crystal clocks
10: 9 crystal clocks
11: 10 crystal clocks
12: 11crystal clocks
13: 12 crystal clocks
14: 13 crystal clocks
15: 14 crystal clocks
4
Sync Glitch Filter Disable
0: glitch filter enabled
1: glitch filter disabled
5
SOG Hyst Disable
0: 40mV hysteresis enabled
1: 40mV hysteresis disabled
6
SOG LPF Disable
0: 14MHz SOG Low Pass Filter Enabled
1: 14MHz SOG Low Pass Filter Disabled
0x32
Sync Polling Control, (0x00)
0
CH0 Polling
0: Enable
1: Disable
1
CH1 Polling
0: Enable
1: Disable
2
CH2 Polling
0: Enable
1: Disable
3
Reserved
Set to 1 when writing, ignore when reading
4
CH0 Connector Type
0: RGB DB15 (poll for HSYNC, CSYNC, and SOG)
1: Component (poll for SOG only)
5
CH1 Connector Type
0: RGB DB15 (poll for HSYNC, CSYNC, and SOG)
1: Component (poll for SOG only)
6
CH2 Connector Type
0: RGB DB15 (poll for HSYNC, CSYNC, and SOG)
1: Component (poll for SOG only)
7
Reserved
Set to 0 when writing, ignore when reading
MEASUREMENT REGISTERS
0x40
HSYNC Period MSB,
(read only)
7:0
HSYNC Period MSB
These registers report a 16-bit value containing the number of
crystal clocks inside a 16 consecutive HSYNC period window.
This means the 16-bit number will reflect one HSYNC period
with 1/16 LSB resolution - the last 4-bits of the measurement
will be fractional.
0x41
HSYNC Period LSB,
(read only)
7:0
HSYNC Period LSB
0x42
HSYNC Width MSB,
(read only)
7:0
HSYNC Width MSB
These registers report a 16-bit value containing the number of
crystal clocks inside 16 consecutive HSYNC pulses. This
means the 16-bit number will reflect one HSYNC pulse width
with 1/16 LSB resolution - the last 4-bits of the measurement
will be fractional.
0x43
HSYNC Width LSB,
(read only)
7:0
HSYNC Width LSB
Register Listing (Continued)
ADDRESS
REGISTER
(DEFAULT VALUE)
BITS
FUNCTION NAME
DESCRIPTION


Numéro de pièce similaire - ISL51002

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL51002 INTERSIL-ISL51002 Datasheet
357Kb / 32P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
ISL51002 INTERSIL-ISL51002 Datasheet
638Kb / 33P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
February 29, 2012
ISL51002CQZ-110 INTERSIL-ISL51002CQZ-110 Datasheet
357Kb / 32P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
ISL51002CQZ-110 INTERSIL-ISL51002CQZ-110 Datasheet
359Kb / 32P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
ISL51002CQZ-110 INTERSIL-ISL51002CQZ-110 Datasheet
638Kb / 33P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
February 29, 2012
More results

Description similaire - ISL51002

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL51002CQZ-110 INTERSIL-ISL51002CQZ-110 Datasheet
638Kb / 33P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
February 29, 2012
ISL51002 INTERSIL-ISL51002 Datasheet
357Kb / 32P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
ISL51002 INTERSIL-ISL51002_07 Datasheet
359Kb / 32P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
logo
Renesas Technology Corp
ISL98003 RENESAS-ISL98003 Datasheet
1Mb / 31P
   8-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
logo
Intersil Corporation
ISL98003 INTERSIL-ISL98003 Datasheet
352Kb / 31P
   8-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
logo
Texas Instruments
LM96511 TI1-LM96511 Datasheet
6Mb / 66P
[Old version datasheet]   Ultrasound Receive Analog Front End (AFE)
logo
Fujitsu Component Limit...
MB86626 FUJITSU-MB86626 Datasheet
227Kb / 6P
   KeyWave AFE ADSL Analog Front End
logo
Renesas Technology Corp
M61047FP RENESAS-M61047FP Datasheet
305Kb / 24P
   Battery Protection Analog Front End (AFE) IC
logo
National Semiconductor ...
NS32FX210 NSC-NS32FX210 Datasheet
763Kb / 22P
   Facsimile/Data Modem Analog Front End (AFE)
logo
Renesas Technology Corp
M61048FP RENESAS-M61048FP Datasheet
304Kb / 24P
   Battery Protection Analog Front End (AFE) IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com