Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NIS3001 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce NIS3001
Description  Integrated Driver and MOSFET Power Chip for Synchronous Buck Controllers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NIS3001 Fiches technique(HTML) 1 Page - ON Semiconductor

  NIS3001 Datasheet HTML 1Page - ON Semiconductor NIS3001 Datasheet HTML 2Page - ON Semiconductor NIS3001 Datasheet HTML 3Page - ON Semiconductor NIS3001 Datasheet HTML 4Page - ON Semiconductor NIS3001 Datasheet HTML 5Page - ON Semiconductor NIS3001 Datasheet HTML 6Page - ON Semiconductor NIS3001 Datasheet HTML 7Page - ON Semiconductor NIS3001 Datasheet HTML 8Page - ON Semiconductor NIS3001 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© Semiconductor Components Industries, LLC, 2003
October, 2003 − Rev. 5
1
Publication Order Number:
NIS3001/D
NIS3001
Integrated Driver and
MOSFET Power Chip for
Synchronous Buck
Controllers
The NIS3001 is an integrated multi−chip solution for high power
DC to DC synchronous buck converters. It contains two power
MOSFETs that are controlled by an internal Driver. All three die are
packaged in a power QFN package called PInPAK
™. The 10.5 by
10.5 mm PInPAK
™ package increases power density and simplifies
PCB layout. The device can be used in single or multi−phase
applications.
The NIS3001 implements the newest MOSFET technology. The
control MOSFET is designed to provide improved switching
performance and operates at a much lower temperature compared to
discrete solutions. The synchronous MOSFET is designed to reduce
conduction and switching losses at high frequencies. The integrated
solution greatly reduces the parasitic inductance associated with
conventional discrete buck converters and results in the highest
power conversion efficiency.
The power density of the NIS3001 is optimized based on MOSFET
die size and PInPAK design. The PInPAK layout allows for direct
routing into each power terminal. This results in a better thermal
solution for the system. In addition its thermal resistance is 50%
lower than BGAs. In summary, the NIS3001 has an improved
efficiency, reliability and scalability for multi−phase synchronous
buck converters.
Features
Matched MOSFETs for Optimal Efficiency
10.5 mm x 10.5 mm Power QFN Package, PInPAK
25 A DC Output Current
7.0 to 14 V Input Voltage Range
Internal Thermal Shutdown
Operating Frequency Range up to 1,000 kHz
0.7 V to 5.1 V Output Voltage Range
Nominal Duty−Cycle 5% to 50%
Hi Side
Discrete
FETs
Lo Side
Discrete
FETs
Figure 1.
VS
VIN
DRN
PGND
Analog
Driver
IC
CASE 500
PInPAK
10.5x10.5 PLLP
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
NIS3001QPT1
PInPAK
1500/Tape & Reel
NIS3001 = Specific Device Code
A
= Assembly Site
WL = Wafer Lot
YY = Year
WW = Work Week
MARKING
DIAGRAM
NIS3001QP
AWLYYWW
(Bottom View)
11
12
13
10
7
98
5
6
1
2
3
4
14
16
18
19
15
17
20
21
PINOUT DIAGRAM
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.


Numéro de pièce similaire - NIS3001

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NIS3071 ONSEMI-NIS3071 Datasheet
2Mb / 13P
   eFuse, 4 Channel, 60 V, 2.5 A
August, 2023 - Rev. P7
NIS3071 ONSEMI-NIS3071 Datasheet
2Mb / 13P
   eFuse, 4 Channel, 60 V, 2.5 A
August, 2023 - Rev. 0
NIS3071MT3TWG ONSEMI-NIS3071MT3TWG Datasheet
2Mb / 13P
   eFuse, 4 Channel, 60 V, 2.5 A
August, 2023 - Rev. P7
NIS3071MT3TWG ONSEMI-NIS3071MT3TWG Datasheet
2Mb / 13P
   eFuse, 4 Channel, 60 V, 2.5 A
August, 2023 - Rev. 0
NIS3071MT4TWG ONSEMI-NIS3071MT4TWG Datasheet
2Mb / 13P
   eFuse, 4 Channel, 60 V, 2.5 A
August, 2023 - Rev. P7
More results

Description similaire - NIS3001

FabricantNo de pièceFiches techniqueDescription
logo
Anpec Electronics Corop...
APW7058 ANPEC-APW7058 Datasheet
174Kb / 13P
   Synchronous Buck PWM and Linear Controllers
logo
Microchip Technology
MCP14628 MICROCHIP-MCP14628 Datasheet
435Kb / 24P
   2A Synchronous Buck Power MOSFET Driver
2008
logo
IXYS Corporation
IXS839 IXYS-IXS839 Datasheet
318Kb / 11P
   Synchronous Buck MOSFET Driver
logo
ON Semiconductor
NCP81158 ONSEMI-NCP81158 Datasheet
83Kb / 8P
   Synchronous Buck MOSFET Driver
August, 2016 ??Rev. 0
NCP81258 ONSEMI-NCP81258 Datasheet
89Kb / 9P
   Synchronous Buck MOSFET Driver
June, 2017 ??Rev. P0
NCP81158D ONSEMI-NCP81158D Datasheet
81Kb / 8P
   Synchronous Buck MOSFET Driver
April, 2017 ??Rev. 1
NCP5351 ONSEMI-NCP5351 Datasheet
184Kb / 14P
   4 A Synchronous Buck Power MOSFET Driver
June, 2004 ??Rev. 9
NCP5355 ONSEMI-NCP5355 Datasheet
102Kb / 12P
   12 V Synchronous Buck Power MOSFET Driver
June, 2004 ??Rev. 6
NCP5351DR2G ONSEMI-NCP5351DR2G Datasheet
225Kb / 14P
   4 A Synchronous Buck Power MOSFET Driver
February, 2010 ??Rev. 13
logo
Richtek Technology Corp...
RT9612A RICHTEK-RT9612A Datasheet
213Kb / 15P
   Synchronous-Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com