Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10H125M Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MC10H125M
Description  Quad MECL-to-TTL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H125M Fiches technique(HTML) 3 Page - ON Semiconductor

  MC10H125M Datasheet HTML 1Page - ON Semiconductor MC10H125M Datasheet HTML 2Page - ON Semiconductor MC10H125M Datasheet HTML 3Page - ON Semiconductor MC10H125M Datasheet HTML 4Page - ON Semiconductor MC10H125M Datasheet HTML 5Page - ON Semiconductor MC10H125M Datasheet HTML 6Page - ON Semiconductor MC10H125M Datasheet HTML 7Page - ON Semiconductor MC10H125M Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC10H125
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Characteristic
Rating
Unit
VEE
Power Supply (VCC = 5.0 V)
-8.0 to 0
Vdc
VCC
Power Supply (VEE = -5.2 V)
0 to +7.0
Vdc
VI
Input Voltage (VCC = 5.0 V)
0 to VEE
Vdc
TA
Operating Temperature Range
0 to +75
°C
Tstg
Storage Temperature Range
- Plastic
- Ceramic
-55 to +150
-55 to +165
°C
°C
ELECTRICAL CHARACTERISTICS (VEE = -5.2 V +5%; VCC = 5.0 V + 5.0 %) (Note 2)
0
°
25
°
75
°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
IE
Negative Power
Supply Drain
Current
-
44
-
40
-
44
mA
ICCH
Positive Power Supply
Di C
-
63
-
63
-
63
mA
ICCL
Drain Current
-
40
-
40
-
40
mA
IinH
Input Current
-
225
-
145
-
145
mA
ICBO
Input Leakage Current
-
1.5
-
1.0
-
1.0
mA
VOH
High Output Voltage
IOH = -1.0 mA
2.5
-
2.5
-
2.5
-
Vdc
VOL
Low Output Voltage
IOL = +20 mA
-
0.5
-
0.5
-
0.5
Vdc
VIH
High Input Voltage (Note 1)
-1.17
-0.84
-1.13
-0.81
-1.07
-0.735
Vdc
VIL
Low Input Voltage (Note 1)
-1.95
-1.48
-1.95
-1.48
-1.95
-1.45
Vdc
IOS
Short Circuit Current
60
150
60
150
50
150
mA
VBB
Reference Voltage
-1.38
-1.27
-1.35
-1.25
-1.31
-1.19
Vdc
VCMR
Common Mode
Range (Note 3)
-
-
-2.85 to +0.3
V
Typical
VPP
Input Sensitivity (Note 4)
150
mV
AC PARAMETERS
0
°
25
°
75
°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
tpd
Propagation Delay
0.8
3.3
0.85
3.35
0.9
3.4
ns
tr
Rise Time (Note 5)
0.3
1.2
0.3
1.2
0.3
1.2
ns
tf
Fall Time (Note 5)
0.3
1.2
0.3
1.2
0.3
1.2
ns
1. When VBB is used as the reference voltage.
2. Each MECL 10H series circuit has been designed to meet the specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is
maintained.
3. Differential input not to exceed 1.0 Vdc.
4. 150 mVp- p differential input required to obtain full logic swing on output.
5. Output Voltage = 1.0 V to 2.0 V. RL = 500 W to GND and CL = 25 pF to GND. Refer to Figure 1.


Numéro de pièce similaire - MC10H125M

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10H125M ONSEMI-MC10H125M Datasheet
156Kb / 8P
   Quad MECL?뭪o?뭈TL Translator
February, 2006 ??Rev. 12
MC10H125MEL ONSEMI-MC10H125MEL Datasheet
156Kb / 8P
   Quad MECL?뭪o?뭈TL Translator
February, 2006 ??Rev. 12
MC10H125MELG ONSEMI-MC10H125MELG Datasheet
156Kb / 8P
   Quad MECL?뭪o?뭈TL Translator
February, 2006 ??Rev. 12
MC10H125MG ONSEMI-MC10H125MG Datasheet
156Kb / 8P
   Quad MECL?뭪o?뭈TL Translator
February, 2006 ??Rev. 12
More results

Description similaire - MC10H125M

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC10524 MOTOROLA-MC10524 Datasheet
656Kb / 10P
   Quad TTL-to-MECL Translator
logo
ON Semiconductor
MC10125 ONSEMI-MC10125 Datasheet
118Kb / 8P
   Quad MECL to TTL Translator
January, 2002 ??Rev. 7
logo
Motorola, Inc
MC10525 MOTOROLA-MC10525 Datasheet
872Kb / 12P
   Quad MECL-to-TTL Translator
logo
ON Semiconductor
MC10124 ONSEMI-MC10124 Datasheet
125Kb / 7P
   Quad TTL to MECL Translator
1996 REV 5
MC10124 ONSEMI-MC10124_02 Datasheet
121Kb / 8P
   Quad TTL to MECL Translator
January, 2002 ??Rev. 7
MC10H124 ONSEMI-MC10H124 Datasheet
79Kb / 6P
   Quad TTL-to-MECL Translator With TTL Strobe Input
September, 2004 ??Rev. 8
logo
Motorola, Inc
MC10125 MOTOROLA-MC10125 Datasheet
127Kb / 7P
   Quad MECL to TTL Transistor
logo
ON Semiconductor
MC10H125 ONSEMI-MC10H125_06 Datasheet
156Kb / 8P
   Quad MECL?뭪o?뭈TL Translator
February, 2006 ??Rev. 12
MC10H125 ONSEMI-MC10H125_16 Datasheet
149Kb / 6P
   Quad MECL?릘o?륳TL Translator
August, 2016 ??Rev. 14
logo
NXP Semiconductors
10129 PHILIPS-10129 Datasheet
412Kb / 9P
   Quad TTL-to-ECL Translator
June 14 1990
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com