Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTC2335-18 Fiches technique(PDF) 27 Page - Linear Technology

No de pièce LTC2335-18
Description  16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTC2335-18 Fiches technique(HTML) 27 Page - Linear Technology

Back Button LTC2335-18 Datasheet HTML 23Page - Linear Technology LTC2335-18 Datasheet HTML 24Page - Linear Technology LTC2335-18 Datasheet HTML 25Page - Linear Technology LTC2335-18 Datasheet HTML 26Page - Linear Technology LTC2335-18 Datasheet HTML 27Page - Linear Technology LTC2335-18 Datasheet HTML 28Page - Linear Technology LTC2335-18 Datasheet HTML 29Page - Linear Technology LTC2335-18 Datasheet HTML 30Page - Linear Technology LTC2335-18 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
LTC2335-16
27
233516f
For more information www.linear.com/LTC2335-16
and 2ppm/°C (maximum) temperature coefficient for high
precision applications. The LTC6655-2.048 is fully speci-
fied over the H-grade temperature range, complementing
the extended temperature range of the LTC2335-16 up to
125°C.BypassingtheLTC6655-2.048witha2.7µFto100µF
ceramic capacitor close to the REFIN pin is recommended.
External Reference with Disabled Internal Buffer
The internal reference buffer supports VREFBUF = 4.4V
maximum. Grounding REFIN disables the internal buffer,
allowing REFBUF to be overdriven with an external refer-
ence voltage between 2.5V and 5V, as shown in Figure
10c. Maximum input signal swing and SNR are achieved
byoverdrivingREFBUFusinganexternal5Vreference.The
buffer feedback resistors load the REFBUF pin with 13kΩ
evenwhenthereferencebufferisdisabled.TheLTC6655-5
offers the same small size, accuracy, drift, and extended
temperature range as the LTC6655-2.048, and achieves
a typical SNR of 95.3dB when paired with the LTC2335-
16. Bypass the LTC6655-5 to GND (Pin 20) close to the
REFBUF pin with at least a 47μF ceramic capacitor (X7R,
10V, 1210 size or X5R, 10V, 0805 size) to absorb transient
conversion currents and minimize noise.
The LTC2335-16 converter draws a charge (QCONV) from
the REFBUF pin during each conversion cycle. On short
time scales most of this charge is supplied by the external
REFBUF bypass capacitor, but on longer time scales all of
the charge is supplied by either the reference buffer, or
when the internal reference buffer is disabled, the external
reference. This charge draw corresponds to a DC current
equivalentofIREFBUF=QCONV • fSMPL,whichisproportional
to sample rate. In applications where a burst of samples
is taken after idling for long periods of time, as shown in
Figure 11, IREFBUF quickly transitions from approximately
0.4mA to 1.1mA (VREFBUF = 5V, fSMPL = 1Msps). This
current step triggers a transient response in the external
reference that must be considered, since any deviation in
VREFBUFaffectsconverteraccuracy.Ifanexternalreference
is used to overdrive REFBUF, the fast settling LTC6655
family of references is recommended.
Internal Reference Buffer Transient Response
Foroptimumperformanceinapplicationsemployingburst
sampling, the external reference with internal reference
bufferconfigurationshouldbeused.Theinternalreference
buffer incorporates a proprietary design that minimizes
movements in VREFBUF when responding to a burst of
applicaTions inForMaTion
Figure 11. CNV Waveform Showing Burst Sampling
Figure 10c. External Reference with Disabled Internal
Buffer Configuration
CNV
IDLE
PERIOD
IDLE
PERIOD
233516 F11
233516 F10c
47µF
6.5k
20k
LTC2335-16
REFERENCE
BUFFER
REFBUF
REFIN
GND
BANDGAP
REFERENCE
6.5k
LTC6655-5


Numéro de pièce similaire - LTC2335-18

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LTC2335-18 LINER-LTC2335-18 Datasheet
2Mb / 40P
   18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2335-18 LINER-LTC2335-18 Datasheet
3Mb / 40P
   Buffered Octal, 16-Bit, 200ksps/Ch Differential 짹10.24V ADC with 30VP-P Common Mode Range
More results

Description similaire - LTC2335-18

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LTC2335-18 LINER-LTC2335-18 Datasheet
2Mb / 40P
   18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2348-16 LINER-LTC2348-16 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2348-18 LINER-LTC2348-18 Datasheet
1Mb / 40P
   Octal, 18-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2345-16 LINER-LTC2345-16 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2311-16 LINER-LTC2311-16 Datasheet
885Kb / 26P
   16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2345-18 LINER-LTC2345-18 Datasheet
1Mb / 40P
   Octal, 18-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2348-18 LINER-LTC2348-18_15 Datasheet
3Mb / 42P
   Octal, 18-Bit, 200ksps Differential 10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2321-16 LINER-LTC2321-16_15 Datasheet
1,012Kb / 26P
   Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2323-16 LINER-LTC2323-16_15 Datasheet
1Mb / 26P
   Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2323-16 LINER-LTC2323-16 Datasheet
1Mb / 26P
   Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com