Moteur de recherche de fiches techniques de composants électroniques |
|
KFG1216D2A-FIB6 Fiches technique(PDF) 9 Page - Samsung semiconductor |
|
KFG1216D2A-FIB6 Fiches technique(HTML) 9 Page - Samsung semiconductor |
9 / 114 page OneNAND512(KFG1216x2A-xxB5) FLASH MEMORY 9 The OneNAND is an advanced generation, high-performance NAND-based Flash memory. It integrates on-chip a single-level-cell (SLC) NAND Flash Array memory with two independent data buffers, boot RAM buffer, a page buffer for the Flash array, and a one-time-programmable block. The combination of these memory areas enable high-speed pipelining of reads from host , BufferRAM, Page Buffer, and NAND Flash Array memory. Clock speeds up to 54MHz with a x16 wide I/O yields a 68MByte/second bandwidth. The OneNAND also includes a Boot RAM and boot loader. This enables the device to efficiently load boot code at device startup from the NAND Array without the need for off-chip boot device. One block of the NAND Array is set aside as an OTP memory area. This area, available to the user, can be configured and locked with secured user information. On-chip controller interfaces enable the device to operate in systems without NAND Host controllers. 2.0 DEVICE DESCRIPTION 2.1 Detailed Product Description |
Numéro de pièce similaire - KFG1216D2A-FIB6 |
|
Description similaire - KFG1216D2A-FIB6 |