Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCX028BMT Fiches technique(PDF) 11 Page - Sony Corporation

No de pièce LCX028BMT
Description  4.6cm (1.8-inch) Black-and-White LCD Panel
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX028BMT Fiches technique(HTML) 11 Page - Sony Corporation

Back Button LCX028BMT Datasheet HTML 7Page - Sony Corporation LCX028BMT Datasheet HTML 8Page - Sony Corporation LCX028BMT Datasheet HTML 9Page - Sony Corporation LCX028BMT Datasheet HTML 10Page - Sony Corporation LCX028BMT Datasheet HTML 11Page - Sony Corporation LCX028BMT Datasheet HTML 12Page - Sony Corporation LCX028BMT Datasheet HTML 13Page - Sony Corporation LCX028BMT Datasheet HTML 14Page - Sony Corporation LCX028BMT Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
– 11 –
LCX028BMT
Item
Symbol
Waveform
Conditions
PRG∗4 fall to Pcg fall time
PRG∗4
toPcgf
PRG∗4 pulse width
twPRG∗4
50%
8
PRG∗4
Pcg
toPcgf
50%
50%
twPRG∗4
toPcgr
50%
8
Blk
50%
toPcg
50%
toEnb
50%
50%
Pcg
Enb
BLK
Blk rise time
trBlk
Blk fall time
tfBlk
Blk rise to Enb fall time
toEnb
Blk fall to Pcg rise time
toPcg
90%
10%
10%
90%
tfBlk
trBlk
∗9 PCG input pin and PRG∗4 should be "H" level during the horizontal 1H period, where the above BLK is low
more than 10ns.
∗9
twPcg
50%
50%
toVideo
Pcg
8
50%
Vck
H. blanking period
H. video period
toVck
PCG∗9
Pcg rise time
trPcg
Pcg fall time
tfPcg
Pcg rise to Vck rise/fall
time
toVck
Pcg fall to horizontal
video period start time
Pcg pulse width
PRG∗4 rise to Pcg rise time
toVideo
twPcg
toPcgr
90%
10%
10%
90%
Pcg
trpcg
tfpcg


Numéro de pièce similaire - LCX028BMT

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
LCX028 SONY-LCX028 Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028 SONY-LCX028 Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028ALT SONY-LCX028ALT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028AMT SONY-LCX028AMT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
More results

Description similaire - LCX028BMT

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
LCX028AMT SONY-LCX028AMT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028ALT SONY-LCX028ALT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX017DLT SONY-LCX017DLT Datasheet
311Kb / 26P
   4.6cm (1.8 Type) Black-and-White LCD Panel
LCX036AMT SONY-LCX036AMT Datasheet
72Kb / 2P
   4.6cm (1.8-type) Black-and-White LCD Panel
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX026ALF SONY-LCX026ALF Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALG SONY-LCX026ALG Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX007CN SONY-LCX007CN Datasheet
611Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX016AL SONY-LCX016AL Datasheet
486Kb / 24P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX007CL SONY-LCX007CL Datasheet
610Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com