Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN3121 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce FAN3121
Description  Single 9-A High-Speed, Low-Side Gate Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN3121 Fiches technique(HTML) 1 Page - ON Semiconductor

  FAN3121 Datasheet HTML 1Page - ON Semiconductor FAN3121 Datasheet HTML 2Page - ON Semiconductor FAN3121 Datasheet HTML 3Page - ON Semiconductor FAN3121 Datasheet HTML 4Page - ON Semiconductor FAN3121 Datasheet HTML 5Page - ON Semiconductor FAN3121 Datasheet HTML 6Page - ON Semiconductor FAN3121 Datasheet HTML 7Page - ON Semiconductor FAN3121 Datasheet HTML 8Page - ON Semiconductor FAN3121 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
© 2008 Semiconductor Components Industries, LLC.
October-2017, Rev. 2
Publication Order Number:
FAN3122T-F085/D
FAN3121 / FAN3122
Single 9-A High-Speed, Low-Side Gate Driver
Features
! Industry-Standard Pin-out with Enable Input
! 4.5-V to 18-V Operating Range
! 11.4 A Peak Sink at VDD = 12 V
! 9.7-A Sink / 7.1-A Source at VOUT = 6 V
! Inverting Configuration (FAN3121) and
Non-Inverting Configuration (FAN3122)
! Internal Resistors Turn Driver Off If No Inputs
! 23-ns / 19-ns Typical Rise/Fall Times (10 nF Load)
! 18 ns to 23 ns Typical Propagation Delay Time
! Choice of TTL or CMOS Input Thresholds
! MillerDrive™ Technology
! Available in Thermally Enhanced 3x3 mm 8-Lead
MLP or 8-Lead SOIC Package (Pb-Free Finish)
! Rated from –40°C to +125°C
! Automotive Qualified to AEC-Q100 (F085 Versions)
Applications
! Synchronous Rectifier Circuits
! High-Efficiency MOSFET Switching
! Switch-Mode Power Supplies
! DC-to-DC Converters
! Motor Control
! Automotive-Qualified Systems (F085 Versions)
Description
The FAN3121 and FAN3122 MOSFET drivers are
designed to drive N-channel enhancement MOSFETs in
low-side switching applications by providing high peak
current pulses. The drivers are available with either TTL
input thresholds (FAN312xT) or VDD-proportional CMOS
input thresholds (FAN312xC). Internal circuitry provides
an under-voltage lockout function by holding the output
low until the supply voltage is within the operating range.
FAN312x
drivers
incorporate
the
MillerDrive™
architecture for the final output stage. This bipolar /
MOSFET combination provides the highest peak current
during the Miller plateau stage of the MOSFET turn-on /
turn-off process.
The FAN3121 and FAN3122 drivers implement an
enable function on pin 3 (EN), previously unused in the
industry-standard pin-out. The pin is internally pulled up
to VDD for active HIGH logic and can be left open for
standard operation.
The commercial FAN3121/22 is available in a 3x3 mm
8-lead thermally-enhanced MLP package or an 8-lead
SOIC package. The AEC-Q100 automotive-qualified
versions are available in the 8-lead SOIC package.
Figure 1.
FAN3121 Pin Configuration
Figure 2.
FAN3122 Pin Configuration
1
2
3
6
7
8
4
5
VDD
GND
EN
IN
VDD
OUT
GND
OUT
1
2
3
6
7
8
4
5
EN
IN
VDD
GND
VDD
GND
OUT
OUT


Numéro de pièce similaire - FAN3121

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3121C ONSEMI-FAN3121C Datasheet
1Mb / 24P
   Gate Drivers, High-Speed, Low-Side, Dual 4-A
April, 2020 ??Rev. 1
logo
Fairchild Semiconductor
FAN3121C FAIRCHILD-FAN3121C Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3121C FAIRCHILD-FAN3121C Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
More results

Description similaire - FAN3121

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_13 Datasheet
1Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
NCP51100 ONSEMI-NCP51100 Datasheet
2Mb / 16P
   Single 2 A High-Speed, Low-Side Gate Driver
June, 2021 ??Rev. P0
FAN3100C ONSEMI-FAN3100C Datasheet
1Mb / 21P
   Single 2 A High-Speed, Low-Side Gate Driver
December-2017, Rev . 2
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com