Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTS50020-1TAD Fiches technique(PDF) 16 Page - Infineon Technologies AG

No de pièce BTS50020-1TAD
Description  Smart High-Side Power Switch
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS50020-1TAD Fiches technique(HTML) 16 Page - Infineon Technologies AG

Back Button BTS50020-1TAD Datasheet HTML 12Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 13Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 14Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 15Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 16Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 17Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 18Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 19Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
Data Sheet
16
Rev. 1.1
2017-03-28
BTS50020-1TAD
Smart High-Side Power Switch
Functional Description
5
Functional Description
5.1
Power Stage
The power stage is built by a N-channel power MOSFET (DMOS) with charge pump.
5.1.1
Output ON-State Resistance
The ON-state resistance RDS(ON) depends on the supply voltage as well as the junction temperature TJ. Page 42
shows the dependencies in terms of temperature and supply voltage, for the typical ON-state resistance. The
behavior in reverse polarity is described in Chapter 5.3.5.
A HIGH signal (see Chapter 5.2) at the input pin causes the power DMOS to switch ON with a dedicated slope,
which is optimized in terms of EMC emission.
5.1.2
Switching Resistive Loads
Figure 8 shows the typical timing when switching a resistive load. The power stage has a defined switching
behavior. Defined slew rates results in lowest EMC emission at minimum switching losses.
Figure 8
Switching a Resistive Load: Timing
5.1.3
Switching Inductive Loads
5.1.3.1
Output Clamping
When switching OFF inductive loads with high side switches, the voltage VOUT drops below ground potential,
because the inductance intends to continue driving the current. To prevent the destruction of the device due
to high voltages, there is a Infineon® SMART CLAMPING mechanism implemented that keeps negative output
voltage to a certain level (VS - VDS(CL)). Please refer to Figure 9 and Figure 10 for details. Nevertheless, the
maximum allowed load inductance remains limited.
VOUT
50% VS
25% VS
10% VS
90% VS
VOUT
IOUT
IOUT
VIN
VIN
tOFF(DELAY)
tOFF
tON(DELAY)
tON
dVON/dt
dVOFF/dt


Numéro de pièce similaire - BTS50020-1TAD

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BTS50025-1TAD INFINEON-BTS50025-1TAD Datasheet
924Kb / 51P
   Smart High-Side Power Switch
Rev. 1.1 2017-03-30
BTS50025-1TEA INFINEON-BTS50025-1TEA Datasheet
1Mb / 44P
   Smart High-Side Power Switch
Rev.1.0 2018-08-16
More results

Description similaire - BTS50020-1TAD

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com