Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LV-CK7P Fiches technique(PDF) 15 Page - OSRAM GmbH

No de pièce LV-CK7P
Description  SMD ceramic package with silicon resin with lens
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LV-CK7P Fiches technique(HTML) 15 Page - OSRAM GmbH

Back Button LV-CK7P Datasheet HTML 11Page - OSRAM GmbH LV-CK7P Datasheet HTML 12Page - OSRAM GmbH LV-CK7P Datasheet HTML 13Page - OSRAM GmbH LV-CK7P Datasheet HTML 14Page - OSRAM GmbH LV-CK7P Datasheet HTML 15Page - OSRAM GmbH LV-CK7P Datasheet HTML 16Page - OSRAM GmbH LV-CK7P Datasheet HTML 17Page - OSRAM GmbH LV-CK7P Datasheet HTML 18Page - OSRAM GmbH LV-CK7P Datasheet HTML 19Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Version 1.1
LV CK7P
2012-05-21
15
Tape and Reel
Gurtverpackung
12 mm tape with 600 pcs. on
∅ 180 mm reel
Tape dimensions in mm (inch)
Tape dimensions in mm (inch)
Reel dimensions in mm (inch)
Reel dimensions in mm (inch)
W
P
0
P
1
P
2
D
0
E
F
12 +0.3/-0.1
4 ± 0.1
(0.157 ±
0.004)
4 ± 0.1
(0.157 ±
0.004)
or
8 ± 0.1
(0.315 ±
0.004)
2 ± 0.05
(0.079 ±
0.002)
1.5 ± 0.1
(0.059 +
0.004)
1.75 ± 0.1
(0.069 ±
0.004)
5.5 ± 0.05
(0.217 ±
0.002)
A
W
N
min
W
1
W
2max
180 (7)
12 (0.472)
60 (2.362)
12.4 + 2 (0.488 +
0.079)
18.4 (0.724)
D
0
2
P
P
0
1
P
Direction of unreeling
W1
2
W
OHAY0324
Label
Gurtvorlauf:
Leader:
Trailer:
Gurtende:
Direction of unreeling
160 mm
160 mm
400 mm
400 mm


Numéro de pièce similaire - LV-CK7P

FabricantNo de pièceFiches techniqueDescription
logo
OSRAM GmbH
LV-CQBP OSRAM-LV-CQBP Datasheet
1,011Kb / 23P
   SMD ceramic package with silicone lens
More results

Description similaire - LV-CK7P

FabricantNo de pièceFiches techniqueDescription
logo
OSRAM GmbH
LACPDP OSRAM-LACPDP Datasheet
416Kb / 20P
   SMD ceramic package with silicon resin with lens
LCWCPDP.PC OSRAM-LCWCPDP.PC Datasheet
475Kb / 19P
   SMD ceramic package with silicon resin with lens
LCW-CQ7P.CC OSRAM-LCW-CQ7P.CC Datasheet
559Kb / 22P
   SMD ceramic package with silicon resin with lens
LCW-CQAR.PC OSRAM-LCW-CQAR.PC Datasheet
197Kb / 10P
   SMD ceramic package with silicon resin with lens
LUW-CP7P OSRAM-LUW-CP7P Datasheet
450Kb / 18P
   SMD ceramic package with silicon resin with lens
LCWCQ7P.CC OSRAM-LCWCQ7P.CC Datasheet
559Kb / 22P
   SMD ceramic package with silicon resin with lens
LCW-CP7P OSRAM-LCW-CP7P Datasheet
565Kb / 21P
   SMD ceramic package with silicon resin with lens
LACP7P OSRAM-LACP7P Datasheet
419Kb / 20P
   SMD ceramic package with silicon resin with lens
LDCP7P OSRAM-LDCP7P Datasheet
405Kb / 19P
   SMD ceramic package with silicon resin with lens
LHCPDP OSRAM-LHCPDP Datasheet
363Kb / 17P
   SMD ceramic package with silicon resin with lens
LUW-CPDP OSRAM-LUW-CPDP Datasheet
509Kb / 21P
   SMD ceramic package with silicon resin with lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com