Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTM8050 Fiches technique(PDF) 12 Page - Linear Technology

No de pièce LTM8050
Description  58V, 2A Step-Down 關Module Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTM8050 Fiches technique(HTML) 12 Page - Linear Technology

Back Button LTM8050 Datasheet HTML 8Page - Linear Technology LTM8050 Datasheet HTML 9Page - Linear Technology LTM8050 Datasheet HTML 10Page - Linear Technology LTM8050 Datasheet HTML 11Page - Linear Technology LTM8050 Datasheet HTML 12Page - Linear Technology LTM8050 Datasheet HTML 13Page - Linear Technology LTM8050 Datasheet HTML 14Page - Linear Technology LTM8050 Datasheet HTML 15Page - Linear Technology LTM8050 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTM8050
12
8050fc
For more information www.linear.com/LTM8050
APPLICATIONS INFORMATION
For most applications, the design process is straight
forward, summarized as follows:
1. Look at Table 1 and find the row that has the desired
input range and output voltage.
2. Apply the recommended CIN, COUT, RFB and RT values.
3. Connect BIAS as indicated.
While these component combinations have been tested
for proper operation, it is incumbent upon the user to
verify proper operation over the intended system’s line,
load and environmental conditions. Bear in mind that the
maximum output current is limited by junction tempera-
ture, the relationship between the input and output voltage
magnitude and polarity and other factors. Please refer to
the graphs in the Typical Performance Characteristics
section for guidance.
The maximum frequency (and attendant RT value) at
which the LTM8050 should be allowed to switch is given
in Table 1 in the fMAX column, while the recommended
frequency (and RT value) for optimal efficiency over the
given input condition is given in the fOPTIMAL column.
There are additional conditions that must be satisfied if
the synchronization function is used. Please refer to the
Synchronization section for details.
Capacitor Selection Considerations
The CIN and COUT capacitor values in Table 1 are the
minimum recommended values for the associated oper-
ating conditions. Applying capacitor values below those
indicated in Table 1 is not recommended, and may result
in undesirable operation. Using larger values is generally
acceptable, and can yield improved dynamic response, if
it is necessary. Again, it is incumbent upon the user to
verify proper operation over the intended system’s line,
load and environmental conditions.
Ceramic capacitors are small, robust and have very low
ESR. However, not all ceramic capacitors are suitable.
X5R and X7R types are stable over temperature and ap-
plied voltage and give dependable service. Other types,
including Y5V and Z5U have very large temperature and
voltage coefficients of capacitance. In an application cir-
cuit they may have only a small fraction of their nominal
capacitance resulting in much higher output voltage ripple
than expected.
Ceramic capacitors are also piezoelectric. In Burst Mode
operation, the LTM8050’s switching frequency depends
on the load current, and can excite a ceramic capacitor
at audio frequencies, generating audible noise. Since the
LTM8050 operates at a lower current limit during Burst
Mode operation, the noise is typically very quiet to a
casual ear.
If this audible noise is unacceptable, use a high perfor-
mance electrolytic capacitor at the output. It may also be
a parallel combination of a ceramic capacitor and a low
cost electrolytic capacitor.
A final precaution regarding ceramic capacitors concerns
the maximum input voltage rating of the LTM8050. A
ceramic input capacitor combined with trace or cable
inductance forms a high Q (under damped) tank circuit.
If the LTM8050 circuit is plugged into a live supply, the
input voltage can ring to twice its nominal value, possi-
bly exceeding the device’s rating. This situation is easily
avoided; see the Hot-Plugging Safely section.
Frequency Selection
The LTM8050 uses a constant frequency PWM architec-
ture that can be programmed to switch from 100kHz to
2.4MHz by using a resistor tied from the RT pin to ground.
Table 2 provides a list of RT resistor values and their re-
sultant frequencies.


Numéro de pièce similaire - LTM8050

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LTM8050 LINER-LTM8050 Datasheet
401Kb / 30P
   40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8050 LINER-LTM8050 Datasheet
376Kb / 28P
   40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8050 LINER-LTM8050 Datasheet
1Mb / 24P
   40VIN, 2A Silent Switcher 關Module Regulator
LTM8050 LINER-LTM8050 Datasheet
1Mb / 26P
   40VIN, 2.5A Silent Switcher 關Module Regulator
LTM8050 LINER-LTM8050 Datasheet
1Mb / 26P
   60VIN, 3A Silent Switcher 關Module Regulator
More results

Description similaire - LTM8050

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LTM8050 LINER-LTM8050_15 Datasheet
474Kb / 24P
   58V, 2A Step-Down Module Regulator
LTM4653 LINER-LTM4653 Datasheet
1Mb / 32P
   EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
LT3980 LINER-LT3980_15 Datasheet
331Kb / 24P
   58V, 2A, 2.4MHz Step-Down Switching Regulator with 85A Quiescent Current
LTM4624EY LINER-LTM4624EY Datasheet
464Kb / 6P
   4A Step-Down 關Module Regulator
LTM8023 LINER-LTM8023_15 Datasheet
760Kb / 24P
   2A, 36V DC/DC Step-Down Module Regulator
logo
Aimtron Technology
AT1799 AIMTRON-AT1799 Datasheet
348Kb / 14P
   2A Step-Down Voltage Regulator
logo
Intersil Corporation
EL7532 INTERSIL-EL7532_06 Datasheet
212Kb / 8P
   Monolithic 2A Step-Down Regulator
logo
Semtech Corporation
SC3102 SEMTECH-SC3102 Datasheet
1Mb / 17P
   2A Synchronous Step-Down Regulator
logo
STMicroelectronics
L4978 STMICROELECTRONICS-L4978_05 Datasheet
584Kb / 13P
   2A STEP DOWN SWITCHING REGULATOR
logo
Analog Intergrations Co...
AIC1595 AIC-AIC1595 Datasheet
65Kb / 5P
   2A STEP-DOWN PWM REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com