Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTM4676A Fiches technique(PDF) 60 Page - Linear Technology

No de pièce LTM4676A
Description  Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTM4676A Fiches technique(HTML) 60 Page - Linear Technology

Back Button LTM4676A Datasheet HTML 56Page - Linear Technology LTM4676A Datasheet HTML 57Page - Linear Technology LTM4676A Datasheet HTML 58Page - Linear Technology LTM4676A Datasheet HTML 59Page - Linear Technology LTM4676A Datasheet HTML 60Page - Linear Technology LTM4676A Datasheet HTML 61Page - Linear Technology LTM4676A Datasheet HTML 62Page - Linear Technology LTM4676A Datasheet HTML 63Page - Linear Technology LTM4676A Datasheet HTML 64Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 136 page
background image
LTM4676A
60
4676afa
For more information www.linear.com/LTM4676A
applicaTions inForMaTion
project file updated. To write the updated project file to
the NVM issue a STORE_USER_ALL command. When
SVIN is applied, a MFR_RESET or RESTORE_USER_ALL
must be issued to allow the PWM to be enabled and valid
ADCs to be read.
Becauseofthecontrollerslimitedcurrentsourcingcapabil-
ity,onlytheLTM4676As,theirassociatedpull-upresistors
and the I2C pull-up resistors should be powered from the
ORed 3.3V/3.4V supply. In addition, any device sharing
the I2C bus connections with the LTM4676A must not
have body diodes between the SDA/SCL pins and their
respective VDD node because this will interfere with bus
communicationintheabsenceofsystempower.InFigure 5,
the dongle will not bias the LTM4676As when SVIN is
present. It is recommended the RUNn pins be held low
to avoid providing power to the load until the part is fully
configured.
The LTC controller/adapter I2C connections are opto-iso-
lated from the PC USB. The 3.3V/3/4V from the controller/
adapter and the LTM4676A VDD33 pin must be driven to
each LTM4676A with a separate PFET or diode, according
to Figure 5 and Figure 6. Only when SVIN is not applied is it
permissible for the VDD33 pins to be electrically in parallel
because the INTVCCLDOisoff.TheDC1613’s3.3Vcurrent
limit is 100mA but typical VDD33 currents are under 15mA.
The VDD33 does back drive the INTVCC pin. Normally this
is not an issue if SVIN is open. The DC2086 is capable of
delivering 3.4V at 2A.
Using a 4-pin header in Figure 5 or Figure 6 maximizes
flexibility to alter the LTM4676A’s NVM contents at any
stage of the user’s product development and production
cycles.IftheLTM4676A’sNVMis“pre-programmed”,i.e.,
contains its finalized configuration, prior to being soldered
to the user’s PCB/motherboard—or, if other means have
been provided for altering the LTM4676A's NVM contents
intheuser’ssystem—thenthe3.3V/3.4Vpinontheheader
is not needed, and a 3-pin header is sufficient to establish
GUI communications. The LTM4676A can be purchased
withcustomizedNVMcontents;consultfactoryfordetails.
Alternatively, the NVM contents of the LTM4676A can be
configured in a mass production environment by design-
ing for it in ICT (in-circuit test), or by providing a means
of applying SVIN while holding the LTM4676A’s RUN pins
low.Communicationtothemodulemustbemadepossible
via the SCL and SDA pins/nets in all NVM programming
scenarios. Recommended headers are found in Table 9
and Table 10.


Numéro de pièce similaire - LTM4676A

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LTM4676A LINER-LTM4676A Datasheet
695Kb / 34P
   25A DC/DC Step-Down 關Module Regulator
logo
Analog Devices
LTM4676A AD-LTM4676A Datasheet
2Mb / 116P
   60V Dual Output Step-Up Controller with Digital Power System Management
logo
Linear Technology
LTM4676A LINER-LTM4676A Datasheet
1Mb / 34P
   30A DC/DC Step-Down 關Module Regulator
logo
Analog Devices
LTM4676A AD-LTM4676A Datasheet
3Mb / 118P
   Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
Rev. B
logo
Linear Technology
LTM4676A LINER-LTM4676A Datasheet
911Kb / 22P
   PolyPhase Step-Down Slave Controller for Digital Power System Management
More results

Description similaire - LTM4676A

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LTM4676 LINER-LTM4676_15 Datasheet
1Mb / 78P
   Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4676A LINER-LTM4676A_15 Datasheet
1Mb / 130P
   Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4620 LINER-LTM4620 Datasheet
2Mb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator
LTM4620 LINER-LTM4620_15 Datasheet
657Kb / 40P
   Dual 13A or Single 26A DC/DC Module Regulator
LTM4620A LINER-LTM4620A_15 Datasheet
716Kb / 40P
   Dual 13A or Single 26A DC/DC Module Regulator
LTM4620A LINER-LTM4620A Datasheet
554Kb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator Frequency Synchronization
logo
Analog Devices
LTM4678 AD-LTM4678 Datasheet
6Mb / 124P
   Dual 25A or Single 50A 關Module Regulator with Digital Power System Management
LTM4686B AD-LTM4686B Datasheet
3Mb / 130P
   Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
Rev. 0
logo
Linear Technology
LTM4676EY LINER-LTM4676EY Datasheet
2Mb / 10P
   26A Step-Down 關Module Regulator with PMBus Power System Management
LTM4675 LINER-LTM4675_15 Datasheet
2Mb / 128P
   Dual 9A or Single 18A Module Regulator with Digital Power System Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com