Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


HT82V737 Datasheet(Fiches technique) 4 Page - Holtek Semiconductor Inc

Numéro de pièce HT82V737
Description  16-Bit Stereo Audio D/A Converter with Earphone Driver
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo 

   
 4 page
background image
Application Circuits
HT82V737
Rev. 1.00
4
November 26, 2003
H T 8 2 V 7 3 7
1 5
1 6
1
3
8
+
1 0 0 n F
+
1 0 m F
V D D
A V D D
A V S S
P D
B C K
W S
D I N
B I A S
N C
2
4
1 3
1 4
D V S S
R C H
R I N
R O U T
L C H
L I N
L O U T
1 2
1 1
1 0
5
6
7
2 . 2 m F
+
2 . 2 m F
+
+
1 0 0 m F
+
1 0 0 m F
1 m F
9
D V D D




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
MS633416-Bit Stereo Audio DAC Integrated Headphone Driver with Volume Control 1 2 3 4 5 MoreMOSA ELECTRONICS
CS512616-Bit Stereo A/D Converter for Digital Audio 1 2 3 4 5 MoreCirrus Logic
MS633316-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage Low Power Consumption 8.9mW Mute And Power Down Function 1 2 3 4 5 MoreMOSA ELECTRONICS
PCM1723Stereo Audio DIGITAL-TO-ANALOG CONVERTER WITH PROGRAMMABLE PLL 1 2 3 4 5 MoreBurr-Brown (TI)
BU9480F16-bit stereo D / A converter for audio applications 1 2 3 4 5 Rohm
PCM1727Stereo Audio DIGITAL-TO-ANALOG CONVERTER WITH PROGRAMMABLE DUAL PLL TM 1 2 3 4 5 MoreBurr-Brown (TI)
PCM180116-Bit Stereo Audio ANALOG-TO-DIGITAL CONVERTER 1 2 3 4 5 MoreBurr-Brown (TI)
PCM173224-Bit 96kHz Stereo Audio DIGITAL-TO-ANALOG CONVERTER With HDCD Decoder 1 2 3 4 5 MoreBurr-Brown (TI)
PCM270216-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface 1 2 3 4 5 MoreBurr-Brown (TI)
PCM1740Stereo Audio DIGITAL-TO-ANALOG CONVERTER with VCXO and PLL 1 2 3 4 5 MoreBurr-Brown (TI)

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl