Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


HT82V737 Datasheet(Fiches technique) 1 Page - Holtek Semiconductor Inc

Numéro de pièce HT82V737
Description  16-Bit Stereo Audio D/A Converter with Earphone Driver
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo 

   
 1 page
background image
HT82V737
16-Bit Stereo Audio D/A Converter with Earphone Driver
Block Diagram
Rev. 1.00
1
November 26, 2003
Features
· Wide supply voltage range: 2.4V~5.5V
· Low power consumption
· 16-bit dynamic range
· Low total harmonic distortion
· Stereo audio outputs
· Data in 2¢s complement format, TTL
· Minimum number of external components is required
· Low clock jitter sensitivity
· Built-in highly efficient earphone driver
· 16-pin NSOP package
Applications
· MP3 player
· CD/VCD ROM and player
· Satellite/cable STB
· Digital portable audio/video equipment
General Description
HT82V737 is a low power consumption stereo DAC with
an integrated earphone driver. The device utilizes
CMOS technology specially for portable MP3 players,
VCD and CD machines.
It converts the 16 bits serial data into an analog output
voltage by high precision D/A converter. It can be used
with the Japanese input format: time multiplexed, two
¢s
complement, MSB first TTL level serial input. With its ex-
cellent frequency response characteristics, the
HT82V737 provides users a low cost means of imple-
menting high quality audio voltage outputs. It also builds
in a class AB stereo driver and some application circuits,
thus, requires minimal external components.
The HT82V737 can support low voltage operation at
2.4V so it is very suitable for portable battery powered
audio device. A low supply in power down mode current
reduces power consumption. It is available in small
16-pin NSOP package.
D a t a L a t c h
D A C
O u t
o p
B C K
W S
D I N
D V D D
R C H
L C H
S e r i a l - t o - p a r a l l e l
C o n v e r s i o n
+
V D D
o p
+
D A C
o p
+
O u t
O u t
D V S S
S e r i a l - t o - p a r a l l e l
C o n v e r s i o n
o p
+
P D
o p
+
2 0 k W
3 0 k W
2 0 k W
3 0 k W




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
MS633416-Bit Stereo Audio DAC Integrated Headphone Driver with Volume Control 1 2 3 4 5 MoreMOSA ELECTRONICS
CS512616-Bit Stereo A/D Converter for Digital Audio 1 2 3 4 5 MoreCirrus Logic
MS633316-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage Low Power Consumption 8.9mW Mute And Power Down Function 1 2 3 4 5 MoreMOSA ELECTRONICS
PCM1723Stereo Audio DIGITAL-TO-ANALOG CONVERTER WITH PROGRAMMABLE PLL 1 2 3 4 5 MoreBurr-Brown (TI)
BU9480F16-bit stereo D / A converter for audio applications 1 2 3 4 5 Rohm
PCM1727Stereo Audio DIGITAL-TO-ANALOG CONVERTER WITH PROGRAMMABLE DUAL PLL TM 1 2 3 4 5 MoreBurr-Brown (TI)
PCM180116-Bit Stereo Audio ANALOG-TO-DIGITAL CONVERTER 1 2 3 4 5 MoreBurr-Brown (TI)
PCM173224-Bit 96kHz Stereo Audio DIGITAL-TO-ANALOG CONVERTER With HDCD Decoder 1 2 3 4 5 MoreBurr-Brown (TI)
PCM270216-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface 1 2 3 4 5 MoreBurr-Brown (TI)
PCM1740Stereo Audio DIGITAL-TO-ANALOG CONVERTER with VCXO and PLL 1 2 3 4 5 MoreBurr-Brown (TI)

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl