Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AK4133 Fiches technique(PDF) 26 Page - Asahi Kasei Microsystems

No de pièce AK4133
Description  192kHz 24bit Sample Rate Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4133 Fiches technique(HTML) 26 Page - Asahi Kasei Microsystems

Back Button AK4133 Datasheet HTML 21Page - Asahi Kasei Microsystems AK4133 Datasheet HTML 22Page - Asahi Kasei Microsystems AK4133 Datasheet HTML 23Page - Asahi Kasei Microsystems AK4133 Datasheet HTML 24Page - Asahi Kasei Microsystems AK4133 Datasheet HTML 25Page - Asahi Kasei Microsystems AK4133 Datasheet HTML 26Page - Asahi Kasei Microsystems AK4133 Datasheet HTML 27Page - Asahi Kasei Microsystems AK4133 Datasheet HTML 28Page - Asahi Kasei Microsystems AK4133 Datasheet HTML 29Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
[AK4133]
015015325-E-02
2018/05
- 26 -
17. Ordering Guide
AK4133VN
40 ~ 105ºC
20-pin QFN (0.5mm pitch)
AKD4132
Evaluation Board for AK4132
18. Revision History
Date (Y/M/D)
Revision
Reason
Page
Contents
15/12/09
00
First Edition
16/06/20
01
Spec.
Added
1
General Description
“It is possible also to convert 8kHz, 16kHz or 24kHz
into 8kHz, 16kHz or 24kHz.
” Added
16/06/20
01
Spec.
Added
1
Features
Output Sample Rate (FSO): 8kHz, 16kHz, 24kHz
(@FSI: 8kHz, 16kHz, 24kHz) added.
16/06/20
01
Spec.
Added
6
SRC Characteristics
“Output Sample Rate (FSI: 8kHz,16kHz, 24kHz)
min. 8kHz, max. 24kHz
” added
16/06/20
01
Spec.
Added
10
Switching Characteristics
Master Clock Input (OMCLK)
128 FSO:
min.5.6448MHz
 min. 1.024MHz
256 FSO:
min.11.2896MHz
 min. 2.048MHz
512 FSO:
min.22.5792MHz
 min. 4.096MHz
16/06/20
01
Spec.
Added
10
Switching Characteristics
Channel Clock for Output Port (OLRCK)
Slave Mode
“Frequency (FSI: 8kHz, 16kHz, 24kHz)
min.8kHz, max. 24kHz
” added
Master Mode
Frequency (FSI: 8kHz, 16kHz, 24kHz)
“min.8kHz, max. 24kHz” added
16/06/20
01
Spec.
Added
15
Functional Description
”■Input and Output sampling rate combination”
added.
16/06/20
01
Spec.
Added
17
■ System Clock for Output PORT
The FSO column deleted from Table 3
“Output
PORT Master/Slave Mode Control
”.
(FSO has no meaning in Table 3.)
16/06/20
01
Spec.
Added
19
■ System Reset
Figure 16
LDO up & Ratio detection & GD
9.6ms
 25.2ms
16/06/20
01
Spec.
Added
20
■ System Reset
Figure 17
Ratio detection & GD
4.6ms
 20.2ms


Numéro de pièce similaire - AK4133

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AK4133VN AKM-AK4133VN Datasheet
2Mb / 28P
   192kHz 24bit Sample Rate Converter
More results

Description similaire - AK4133

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AK4133VN AKM-AK4133VN Datasheet
2Mb / 28P
   192kHz 24bit Sample Rate Converter
AK4132 AKM-AK4132 Datasheet
1Mb / 27P
   96kHz 24bit Sample Rate Converter
AK4132VT AKM-AK4132VT Datasheet
1Mb / 27P
   96 kHz 24bit Sample Rate Converter
logo
Texas Instruments
SRC4190 TI1-SRC4190_14 Datasheet
1Mb / 29P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
logo
Asahi Kasei Microsystem...
AKD5386-B-06 AKM-AKD5386-B-06 Datasheet
590Kb / 25P
   24bit 192kHz A/D converter
logo
Burr-Brown (TI)
SRC4192 BURR-BROWN-SRC4192 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 25P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4192IDBR TI-SRC4192IDBR Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4192IDB TI-SRC4192IDB Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com