Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS74108J-12 Fiches technique(PDF) 10 Page - List of Unclassifed Manufacturers

No de pièce GS74108J-12
Description  512K x 8 4Mb Asynchronous SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

GS74108J-12 Fiches technique(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button GS74108J-12 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS74108J-12 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS74108J-12 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS74108J-12 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS74108J-12 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS74108J-12 Datasheet HTML 9Page - List of Unclassifed Manufacturers GS74108J-12 Datasheet HTML 10Page - List of Unclassifed Manufacturers GS74108J-12 Datasheet HTML 11Page - List of Unclassifed Manufacturers GS74108J-12 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Rev: 1.06 7/2000
10/12
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS74108TP/J
44 Pin, 400 mil TSOP-II
D
1
22
23
44
e
B
Q
A
y
c
Detail A
Note:
1. Dimension D& E do not include interlead flash
2. Dimension B does not include dambar protrusion / intrusion
3. Controlling dimension: mm
Symbol
Dimension in inch Dimension in mm
min nom max min nom max
A
-
-
0.047
-
-
1.20
A1
0.002
-
-
0.05
-
-
A2
0.037 0.039 0.041 0.95
1.00
1.05
B
0.01 0.014 0.018 0.25
0.35
0.45
c
-
0.006
-
-
0.15
-
D
0.721 0.725 0.729 18.31 18.41 18.51
E
0.396 0.400 0.404 10.06 10.16 10.26
e
-
0.031
-
-
0.80
-
HE
0.455 0.463 0.471 11.56 11.76 11.96
L
0.016 0.020 0.024 0.40
0.50
0.60
L1
-
0.031
-
-
0.80
-
y
-
-
0.004
-
-
0.10
Q
0o
-
5o
0o
-
5o


Numéro de pièce similaire - GS74108J-12

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS74108AGJ-10 GSI-GS74108AGJ-10 Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
GS74108AGJ-10I GSI-GS74108AGJ-10I Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
GS74108AGJ-12 GSI-GS74108AGJ-12 Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
GS74108AGJ-12I GSI-GS74108AGJ-12I Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
GS74108AGJ-8 GSI-GS74108AGJ-8 Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
More results

Description similaire - GS74108J-12

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS74108ATP GSI-GS74108ATP Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
GS74117AX GSI-GS74117AX Datasheet
348Kb / 12P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12I GSI-GS74116AGP-12I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74104TP GSI-GS74104TP Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116A GSI-GS74116A Datasheet
433Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74104ATP GSI-GS74104ATP Datasheet
489Kb / 11P
   1M x 4 4Mb Asynchronous SRAM
GS74116AGX-10I GSI-GS74116AGX-10I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS78116B GSI-GS78116B Datasheet
415Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com