Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX72301 Fiches technique(PDF) 12 Page - List of Unclassifed Manufacturers

No de pièce CX72301
Description  Spur-Free, 1.0 GHz Dual Fractional-N Frequency Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

CX72301 Fiches technique(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button CX72301 Datasheet HTML 8Page - List of Unclassifed Manufacturers CX72301 Datasheet HTML 9Page - List of Unclassifed Manufacturers CX72301 Datasheet HTML 10Page - List of Unclassifed Manufacturers CX72301 Datasheet HTML 11Page - List of Unclassifed Manufacturers CX72301 Datasheet HTML 12Page - List of Unclassifed Manufacturers CX72301 Datasheet HTML 13Page - List of Unclassifed Manufacturers CX72301 Datasheet HTML 14Page - List of Unclassifed Manufacturers CX72301 Datasheet HTML 15Page - List of Unclassifed Manufacturers CX72301 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
DATA SHEET • CX72301
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
12
July 21, 2004 • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • 101090H
• Auxiliary Synthesizer Power Down = 1-bit value that powers
down the auxiliary synthesizer. When this bit is 0, the auxiliary
synthesizer is powered up. When this bit is 1, the auxiliary
synthesizer is in power-down mode.
• Auxiliary Synthesizer mode = 1-bit value that powers down the
auxiliary synthesizer’s
∆Σ modulator and fractional unit to
operate as an integer-N synthesizer. When this bit is 0, the
auxiliary synthesizer is in fractional-N mode. When this bit is 1,
the auxiliary synthesizer is in integer-N mode.
NOTE: There are no special power-up sequences required for
the CX72301.
• Multiplexer Output Selection = 3-bit value that selects which
internal signal is output to the Mux_out pin. Internal signals
available on this pin are the following:
− Reference Oscillator, F
ref
− Main or auxiliary divided reference (post reference
frequency main or auxiliary dividers), Fref_main or Fref_aux
− Main or auxiliary phase detector frequency (post main and
auxiliary frequency dividers), Fpd_main or Fpd_aux
− Serial data out, for loop-back and test purposes
See Table 4 for more information.
• Mux_out Pin Three-State Enable = 1-bit value to three-state the
Mux_out pin. When this bit is 0, the Mux_out pin is enabled.
When this bit is 1, the Mux_out pin is three-stated.
A3
A2 A1
A0 11
10
9
8
7
6
5
4
3
2
1
0
01
11
X
X
MSB
LSB
Full Power Down
Main Synthesizer Power Down
Main Synthesizer Mode
Main Synthesizer
∆Σ Fractionality
Auxiliary Synthesizer Power Down
Auxiliary Synthesizer Mode
Multiplexer Output Selection
Mux_out Pin Three-State Enable
C1424
Figure 13. Power Down and Multiplexer Output Register (Write Only)
Table 4. Multiplexer Output
Multiplexer Output Select
(Bit 8)
Multiplexer Output Select
(Bit 7)
Multiplexer Output Select
(Bit 6)
Multiplexer Output
(Mux_out)
0
0
0
Reference Oscillator
0
0
1
Auxiliary Reference Frequency (Fref_aux)
0
1
0
Main Reference Frequency (Fref_main)
0
1
1
Auxiliary Phase Detector Frequency (Fpd_aux)
1
0
0
Main Phase Detector Frequency (Fpd_main)
1
0
1
Serial data out
1
1
0
Serial Interface Register test output


Numéro de pièce similaire - CX72301

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
CX72302 ETC-CX72302 Datasheet
162Kb / 20P
   CX72302: Spur-Free, 6.1 GHz Dual Fractional-N Frequency Synthesizer
More results

Description similaire - CX72301

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SKY72301-22 SKYWORKS-SKY72301-22 Datasheet
168Kb / 21P
   Spur-Free, 1.0 GHz Dual Fractional-N Frequency Synthesizer
SKY72302 SKYWORKS-SKY72302 Datasheet
166Kb / 21P
   Spur-Free, 6.1 GHz Dual Fractional-N Frequency Synthesizer
logo
List of Unclassifed Man...
CX72302 ETC-CX72302 Datasheet
162Kb / 20P
   CX72302: Spur-Free, 6.1 GHz Dual Fractional-N Frequency Synthesizer
logo
Skyworks Solutions Inc.
SKY72300-21 SKYWORKS-SKY72300-21 Datasheet
166Kb / 23P
   SKY72300-21: Spur-Free, 2.1 GHz Dual Fractional-N Frequency Synthesizer
SKY72302-21 SKYWORKS-SKY72302-21 Datasheet
180Kb / 23P
   SKY72302-21: Spur-Free, 6.1 GHz Dual Fractional-N Frequency Synthesizer
logo
List of Unclassifed Man...
SKY72310 ETC2-SKY72310 Datasheet
210Kb / 19P
   SKY72310: Spur-Free, 2.1 GHz Single Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4156 AD-ADF4156 Datasheet
421Kb / 24P
   6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
ADF4251 AD-ADF4251_15 Datasheet
440Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com