Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


CX72301 Datasheet(Fiches technique) 1 Page - List of Unclassifed Manufacturers

Numéro de pièce CX72301
Description  Spur-Free, 1.0 GHz Dual Fractional-N Frequency Synthesizer
Télécharger  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo 

 
 1 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
101090H • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • July 21, 2004
1
DATA SHEET
CX72301: Spur-Free, 1.0 GHz Dual Fractional-N Frequency
Synthesizer
Applications
• General purpose RF systems
• Low bit rate wireless telemetry
• Instrumentation
• Specialized Mobile Radios (SMRs) and Private Mobile Radios
(PMRs)
Features
• Spur-free operation
• 1.0 GHz maximum operating frequency
• 500 MHz maximum auxiliary synthesizer
• Ultra-small step size, 100 Hz or less
• High internal reference frequency enables large loop bandwidth
implementations
• Very fast switching speed (e.g., below 100 µs)
• Phase noise to –96 dBc/Hz inside the loop filter bandwidth
@ 950 MHz
• Software programmable power-down modes
• High-speed serial interface up to 100 Mbps
• Three-wire programming
• Programmable division ratios on reference frequency
• Phase detectors with programmable gain provide a
programmable loop bandwidth
• Frequency power steering further enhances rapid acquistion
time
• On-chip crystal oscillator
• Frequency adjust for temperature compensation
• Direct digital modulation
• 3 V operation
• 5 V output to loop filter
• 28-pin EP-TSSOP 6.4 x 9.7 mm package
Description
Skyworks CX72301 direct digital modulation fractional-N
frequency synthesizer provides ultra-fine frequency resolution,
fast switching speed, and low phase-noise performance. This
synthesizer is a key building block for high-performance radio
system designs that require low power and fine step size.
The ultra-fine step size of less than 100 Hz allows this synthesizer
to be used in very narrowband wireless applications. With proper
temperature sensing or through control channels, the
synthesizer’s fine step size can compensate for crystal oscillator
or Intermediate Frequency (IF) filter drift. As a result, crystal
oscillators or crystals can replace temperature- compensated or
ovenized crystal oscillators, reducing parts count and associated
component cost. The device’s fine step size can also be used for
Doppler shift corrections.
The CX72301 has a phase noise floor of –95 dBc/Hz up to
1.0 GHz operation as measured inside the loop bandwidth. This is
permitted by the on-chip low noise dividers and low divide ratios
provided by the device’s high fractionality.
Reference crystals or oscillators up to 50 MHz can be used with
the CX72301. The crystal frequency is divided down by
independent programmable divider ratios of 1 to 32 for the main
and auxiliary synthesizers. The phase detectors can operate at a
maximum speed of 25 MHz, which allows better phase noise due
to the lower division value. With a high reference frequency, the
loop bandwidths can also be increased. Larger loop bandwidths
improve the settling times and reduce in-band phase noise.
Therefore, typical switching times of less than 100
µs can be
achieved. The lower in-band phase noise also permits the use of
lower cost Voltage Controlled Oscillators (VCOs) in customer
applications.
The CX72301 has a frequency power steering circuit that helps
the loop filter steer the VCO when the frequency is too fast or too
slow, further enhancing acquisition time.
The unit operates with a three-wire, high-speed serial interface. A
combination of a large bandwidth, fine resolution, and the three-
wire, high-speed serial interface allows for a direct frequency
modulation of the VCO. This supports any continuous phase,
constant envelope modulation scheme such as Frequency
Modulation (FM), Frequency Shift Keying (FSK), Minimum Shift
Keying (MSK), or Gaussian Minimum Shift Keying (GMSK). This
capability can eliminate the need for In-Phase and Quadrature
(I/Q) Digital-To-Analog Converters (DACs), quadrature
upconverters, and IF filters from the transmitter portion of the
radio system.
Figure 1 shows a functional block diagram for the CX72301. The
device package and pinout for the 28-pin Exposed Pad Thin
Shrink Small Outline Package (EP-TSSOP) are shown in Figure 2.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
CX72302CX72302: Spur-Free 6.1 GHz Dual Fractional-N Frequency Synthesizer 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CX740382.6 GHz/800 MHz Dual Fractional-N/lnteger-N Frequency Synthesizer 1 2 3 4 5 MoreSkyworks Solutions Inc.
MB15U10Dual Serial Input PLL Frequency Synthesizer On-Chip 1.1 GHz Prescaler 1 2 3 4 5 MoreFujitsu Component Limited.
SA80272.5 GHz low voltage low power RF fractional-N/IF integer frequency synthesizer 1 2 3 4 5 MoreNXP Semiconductors
ADF4252Dual Fractional-N/Integer-N Frequency Synthesizer 1 2 3 4 5 MoreAnalog Devices
HM6F5201Dual Fractional-N / Integer-N Frequency Synthesizer 1 2 3 4 5 MoreHynix Semiconductor
PE97633.2 GHz Delta-Sigma modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications 1 2 3 4 5 MorePeregrine Semiconductor Corp.
ADF41566 GHz Fractional-N Frequency Synthesizer 1 2 3 4 5 MoreAnalog Devices
SA70261.3GHz low voltage fractional-N dual frequency synthesizer 1 2 3 4 5 MoreNXP Semiconductors
SA80262.5GHz low voltage fractional-N dual frequency synthesizer 1 2 3 4 5 MoreNXP Semiconductors

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl