Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APA4838 Fiches technique(PDF) 2 Page - Anpec Electronics Coropration

No de pièce APA4838
Description  Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANPEC [Anpec Electronics Coropration]
Site Internet  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA4838 Fiches technique(HTML) 2 Page - Anpec Electronics Coropration

  APA4838 Datasheet HTML 1Page - Anpec Electronics Coropration APA4838 Datasheet HTML 2Page - Anpec Electronics Coropration APA4838 Datasheet HTML 3Page - Anpec Electronics Coropration APA4838 Datasheet HTML 4Page - Anpec Electronics Coropration APA4838 Datasheet HTML 5Page - Anpec Electronics Coropration APA4838 Datasheet HTML 6Page - Anpec Electronics Coropration APA4838 Datasheet HTML 7Page - Anpec Electronics Coropration APA4838 Datasheet HTML 8Page - Anpec Electronics Coropration APA4838 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Apr., 2003
APA4838
www.anpec.com.tw
2
Block Diagram
Ordering and Marking Information
P a ck age C o d e
R : T S S O P -P
T e m p . R a nge
I : -4 0 to 8 5 C
Ha n d lin g Co d e
T U : T u b e
T R : T a p e & R e e l
A P A 4838
H and lin g C o de
T e m p . R a nge
P a ck ag e C o de
°
APA4 8 3 8 R :
APA4 8 3 8
XXXXX
XXXXX - Da te Co d e
Mode
Control
Mode
Mute
HP Sense
Volume
Control
31 steps
Beep
Detect
Power
Management
Click and Pop
Suppression
Circuitry
Gain Select
Left Dock
20K
20K
20K
10K
10K
- Left Out
20K
20K
+ Right Out
- Right Out
0.068
µF
20K
10K
20K
20K
10K
0.068
µF
20K
20K
Right Dock
Shutdown
V
DD
GND
Bypass
Bias
Left In
0.33
µF
Right In
0.33
µF
20K
200K
200K
20K
Beep In
+ Left Out
DC_Vol
20K
20K
Bias
Left
Audio Input
Right
Audio Input


Numéro de pièce similaire - APA4838

FabricantNo de pièceFiches techniqueDescription
logo
Anpec Electronics Corop...
APA4835 ANPEC-APA4835 Datasheet
214Kb / 22P
   Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
APA4835RI-TR ANPEC-APA4835RI-TR Datasheet
214Kb / 22P
   Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
APA4835RI-TU ANPEC-APA4835RI-TU Datasheet
214Kb / 22P
   Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
More results

Description similaire - APA4838

FabricantNo de pièceFiches techniqueDescription
logo
Anpec Electronics Corop...
APA4835 ANPEC-APA4835 Datasheet
214Kb / 22P
   Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
logo
Global Mixed-mode Techn...
G1438 GMT-G1438 Datasheet
91Kb / 1P
   2W Stereo Audio Amplifier with DC Volume Control and Selectable Gain
logo
National Semiconductor ...
LM4835 NSC-LM4835 Datasheet
648Kb / 16P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4838 NSC-LM4838 Datasheet
2Mb / 36P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Texas Instruments
LM4938 TI1-LM4938 Datasheet
8Mb / 34P
[Old version datasheet]   Audio Power Amplifier Series Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
National Semiconductor ...
LM4938 NSC-LM4938 Datasheet
1Mb / 26P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Texas Instruments
LM4838 TI-LM4838_15 Datasheet
10Mb / 44P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Unisonic Technologies
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA7063 ANPEC-APA7063 Datasheet
236Kb / 20P
   Stereo 1.5W Audio Power Amplifier with DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com