Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM1087 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce ADM1087
Description  Simple Sequencers in 6-Lead SC70
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM1087 Fiches technique(HTML) 7 Page - Analog Devices

Back Button ADM1087 Datasheet HTML 3Page - Analog Devices ADM1087 Datasheet HTML 4Page - Analog Devices ADM1087 Datasheet HTML 5Page - Analog Devices ADM1087 Datasheet HTML 6Page - Analog Devices ADM1087 Datasheet HTML 7Page - Analog Devices ADM1087 Datasheet HTML 8Page - Analog Devices ADM1087 Datasheet HTML 9Page - Analog Devices ADM1087 Datasheet HTML 10Page - Analog Devices ADM1087 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADM1085/ADM1086/ADM1087/ADM1088
Rev. 0 | Page 7 of 16
120
100
80
60
40
20
0
2.10
2.40
2.70
3.00
3.30
3.60
SUPPLY VOLTAGE (V)
Figure 9. Output Low Voltage vs. Supply Voltage
100
0
10
20
30
40
50
60
70
80
90
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (
°C)
1mV/
µs
10mV/
µs
Figure 10. VCC Falling Propagation Delay vs. Temperature
500
450
400
350
300
250
200
150
100
50
0
2.10
2.40
2.70
3.00
3.30
3.60
SUPPLY VOLTAGE (V)
Figure 11. Output Fall Time vs. Supply Voltage
200
180
160
140
120
100
80
60
40
20
0
0246
8
10
12
14
16
18
20
22
ENIN/ENIN (V)
TA = +125°C
TA = +25°C
TA = –40°C
Figure 12. ENIN/ENIN Leakage Current vs. ENIN/ENIN Voltage
200
180
160
140
120
100
80
60
40
20
0
2.10
3.60
3.30
3.00
2.70
2.40
VCC (V)
TA = +125°C
TA = +25°C
TA = –40°C
Figure 13. ENIN/ENIN Leakage Current vs. VCC Voltage
10000
1000
100
10
1
0.1
0.562
26200
4480
2350
520
241
53.2
22.9
5.02
2.390
TIMEOUT DELAY (ms)
Figure 14. CEXT Capacitance vs. Timeout Delay


Numéro de pièce similaire - ADM1087

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1087AKS-REEL7 AD-ADM1087AKS-REEL7 Datasheet
299Kb / 16P
   Simple Sequencers in 6-Lead SC7
REV. A
ADM1087AKSZ-REEL7 AD-ADM1087AKSZ-REEL7 Datasheet
299Kb / 16P
   Simple Sequencers in 6-Lead SC7
REV. A
More results

Description similaire - ADM1087

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1085AKSZ-REEL7 AD-ADM1085AKSZ-REEL7 Datasheet
299Kb / 16P
   Simple Sequencers in 6-Lead SC7
REV. A
ADM6820 AD-ADM6820_15 Datasheet
215Kb / 12P
   FET Drive Simple Sequencers
REV. 0
ADM6819 AD-ADM6819_15 Datasheet
215Kb / 12P
   FET Drive Simple Sequencers
REV. 0
ADM6819 AD-ADM6819 Datasheet
215Kb / 12P
   FET Drive Simple Sequencers
REV. 0
AD7910 AD-AD7910_15 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7910 AD-AD7910 Datasheet
1Mb / 20P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. B
AD7920 AD-AD7920_15 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7920BRMZ AD-AD7920BRMZ Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
logo
SG Micro Corp
SGM3167 SGMICRO-SGM3167_15 Datasheet
324Kb / 11P
   Analog Switch in 6-Pin SC70
logo
Analog Devices
ADM6711 AD-ADM6711 Datasheet
155Kb / 8P
   Microprocessor Supervisory Circuit in 4-Lead SC70
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com