Moteur de recherche de fiches techniques de composants électroniques |
|
74HC08PW Fiches technique(PDF) 11 Page - NXP Semiconductors |
|
74HC08PW Fiches technique(HTML) 11 Page - NXP Semiconductors |
11 / 20 page 2003 Jul 25 11 Philips Semiconductors Product specification Quad 2-input AND gate 74HC08; 74HCT08 AC CHARACTERISTICS Family 74HC08 GND = 0 V; tf = tf = 6 ns; CL =50pF. SYMBOL PARAMETER TEST CONDITIONS MIN. TYP. MAX. UNIT WAVEFORMS VCC (V) Tamb =25 °C tPHL/tPLH propagation delay nA, nB to nY see Figs 7 and 8 2.0 − 25 90 ns 4.5 − 918 ns 6.0 − 715 ns tTHL/tTLH output transition time see Figs 7 and 8 2.0 − 19 75 ns 4.5 − 715 ns 6.0 − 613 ns Tamb = −40 to +85 °C tPHL/tPLH propagation delay nA, nB to nY see Figs 7 and 8 2.0 −− 115 ns 4.5 −− 23 ns 6.0 −− 20 ns tTHL/tTLH output transition time see Figs 7 and 8 2.0 −− 95 ns 4.5 −− 19 ns 6.0 −− 16 ns Tamb = −40 to +125 °C tPHL/tPLH propagation delay nA, nB to nY see Figs 7 and 8 2.0 −− 135 ns 4.5 −− 27 ns 6.0 −− 23 ns tTHL/tTLH output transition time see Figs 7 and 8 2.0 −− 110 ns 4.5 −− 22 ns 6.0 −− 19 ns |
Numéro de pièce similaire - 74HC08PW |
|
Description similaire - 74HC08PW |