Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK14D88-NF45 Fiches technique(PDF) 10 Page - List of Unclassifed Manufacturers

No de pièce STK14D88-NF45
Description  32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

STK14D88-NF45 Fiches technique(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button STK14D88-NF45 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14D88-NF45 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14D88-NF45 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14D88-NF45 Datasheet HTML 9Page - List of Unclassifed Manufacturers STK14D88-NF45 Datasheet HTML 10Page - List of Unclassifed Manufacturers STK14D88-NF45 Datasheet HTML 11Page - List of Unclassifed Manufacturers STK14D88-NF45 Datasheet HTML 12Page - List of Unclassifed Manufacturers STK14D88-NF45 Datasheet HTML 13Page - List of Unclassifed Manufacturers STK14D88-NF45 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
STK14D88
April 2005
Document Control #ML0033 rev 1.2
10
HARDWARE STORE CYCLE
SYMBOLS
STK14D88
NO.
Standard
Alternate
PARAMETER
MIN
MAX
UNITS
NOTES
31
tDELAY
tHLQZ
Time Allowed to Complete SRAM Cycle
1
µs
p
32
tHLHX
Hardware STORE Pulse Width
15
ns
33
tHLBL
Hardware STORE Low to STORE Busy
300
ns
Notes
p: Read and Write cycles in progress before HSB is asserted are given this amount of time to complete.
HARDWARE STORE CYCLE
HSB (OUT)
HSB (IN)
DQ (DATA OUT)
HIGH IMPEDENCE
31
tDELAY
DATA VALID
32
tHLHX
33
tHLBL
HIGH IMPEDENCE
DATA VALID
23
tSTORE


Numéro de pièce similaire - STK14D88-NF45

FabricantNo de pièceFiches techniqueDescription
logo
Simtek Corporation
STK14D88-NF45 SIMTEK-STK14D88-NF45 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
STK14D88-NF45 SIMTEK-STK14D88-NF45 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK14D88-NF45I SIMTEK-STK14D88-NF45I Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
STK14D88-NF45I SIMTEK-STK14D88-NF45I Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK14D88-NF45ITR SIMTEK-STK14D88-NF45ITR Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
More results

Description similaire - STK14D88-NF45

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK14C88-M ETC1-STK14C88-M Datasheet
85Kb / 12P
   32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK15C88 ETC-STK15C88 Datasheet
75Kb / 9P
   32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK25CA8 ETC-STK25CA8 Datasheet
129Kb / 8P
   128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK11C88 ETC1-STK11C88 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com