Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX1428 Fiches technique(PDF) 6 Page - Maxim Integrated Products

No de pièce MAX1428
Description  15-Bit, 80Msps ADC with -78.4dBFS Noise Floor for IF Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1428 Fiches technique(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1428 Datasheet HTML 2Page - Maxim Integrated Products MAX1428 Datasheet HTML 3Page - Maxim Integrated Products MAX1428 Datasheet HTML 4Page - Maxim Integrated Products MAX1428 Datasheet HTML 5Page - Maxim Integrated Products MAX1428 Datasheet HTML 6Page - Maxim Integrated Products MAX1428 Datasheet HTML 7Page - Maxim Integrated Products MAX1428 Datasheet HTML 8Page - Maxim Integrated Products MAX1428 Datasheet HTML 9Page - Maxim Integrated Products MAX1428 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
15-Bit, 80Msps ADC with -78.4dBFS
Noise Floor for IF Applications
6
_______________________________________________________________________________________
55
65
85
75
95
105
565
85
25
45
105 125 145 165 185
SFDR1/SFDR2 vs. ANALOG INPUT FREQUENCY
(fCLK = 80.0195MHz, AIN = -2dBFS)
fIN (MHz)
SFDR2
SFDR1
-105
-100
-90
-95
-85
-80
-75
-70
-65
565
85
25
45
105 125 145 165 185
HD2/HD3 vs. ANALOG INPUT FREQUENCY
(fCLK = 80.0195MHz, AIN = -2dBFS)
fIN (MHz)
HD3
HD2
71
74
72
73
76
77
75
78
20
40
30
50
60
70
80
SNR vs. SAMPLING FREQUENCY
(fIN = 70MHz, AIN = -2dBFS)
fCLK (MHz)
75
85
80
95
90
100
105
20
30
40
50
60
70
80
SFDR1/SFDR2 vs. SAMPLING FREQUENCY
(fIN = 70MHz, AIN = -2dBFS)
fCLK (MHz)
SFDR2
SFDR1
-105
-85
-75
-95
-90
-80
-100
20
40
50
30
60
70
HD2/HD3 vs. SAMPLING FREQUENCY
(fIN = 70MHz, AIN = -2dBFS)
fCLK (MHz)
HD3
HD2
80
71
74
72
79
78
77
76
75
73
-70
-50
-40
-60
-30
-20
-10
0
SNR vs. ANALOG INPUT AMPLITUDE
(fCLK = 80.0195MHz, fIN = 69.9999MHz)
ANALOG INPUT AMPLITUDE (dBFS)
-70
-50
-40
-60
-30
-20
-10
0
SFDR1/SFDR2 vs. ANALOG INPUT AMPLITUDE
(fCLK = 80.0195MHz, fIN = 69.9999MHz)
ANALOG INPUT AMPLITUDE (dBFS)
80
90
100
110
120
130
70
SFDR2
SFDR1
-70
-50
-40
-60
-30
-20
-10
0
HD2/HD3 vs. ANALOG INPUT AMPLITUDE
(fCLK = 80.0195MHz, fIN = 69.9999MHz)
ANALOG INPUT AMPLITUDE (dBFS)
HD2
-130
-120
-110
-100
-90
-80
-70
-140
HD3
Typical Operating Characteristics (continued)
(AVCC = 5V, DVCC = DRVCC = 2.5V, INP and INN driven differentially with a -2dBFS amplitude, CLKP and CLKN driven differentially
with a 2VP-P sinusoidal input signal, CL = 5pF at digital outputs, fCLK = 80MHz, TA = 25°C. All AC is data based on a 32k-point FFT
record and under coherent sampling conditions.)


Numéro de pièce similaire - MAX1428

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX1428 MAXIM-MAX1428 Datasheet
219Kb / 18P
   15-Bit, 100Msps ADC with -77.7dBFS Noise Floor for Baseband Applications
Rev 0; 10/04
More results

Description similaire - MAX1428

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX1427 MAXIM-MAX1427 Datasheet
368Kb / 18P
   15-Bit, 80Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
2004
MAX1418 MAXIM-MAX1418 Datasheet
352Kb / 20P
   15-Bit, 65Msps ADC with -78.2dBFS Noise Floor for IF Applications
19-3022; Rev 0; 10/03
MAX1430 MAXIM-MAX1430 Datasheet
718Kb / 18P
   15-Bit, 100Msps ADC with -76.8dBFS Noise Floor for IF Applications
2004
MAX1429 MAXIM-MAX1429 Datasheet
219Kb / 18P
   15-Bit, 100Msps ADC with -77.7dBFS Noise Floor for Baseband Applications
Rev 0; 10/04
MAX1419 MAXIM-MAX1419 Datasheet
330Kb / 18P
   15-Bit, 65Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
19-3011; Rev 0; 10/03
MAX19586 MAXIM-MAX19586 Datasheet
389Kb / 20P
   High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor
Rev 0; 8/05
logo
Linear Technology
LTC1747 LINER-LTC1747 Datasheet
491Kb / 20P
   12-Bit, 80Msps Low Noise ADC
LTC1748 LINER-LTC1748_15 Datasheet
534Kb / 20P
   14-Bit, 80Msps Low Noise ADC
LTC1748 LINER-LTC1748 Datasheet
533Kb / 20P
   14-Bit, 80Msps Low Noise ADC
LTC1747 LINER-LTC1747_15 Datasheet
497Kb / 20P
   12-Bit, 80Msps Low Noise ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com