Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


NB100LVEP224 Datasheet(Fiches technique) 5 Page - ON Semiconductor

Numéro de pièce NB100LVEP224
Description  2.5V/3.3V 1:24 Differential ECL/PECL Clock Driver with Clock Select and Output Enable
Télécharger  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo 

 
 5 page
background image
NB100LVEP224
http://onsemi.com
5
NECL DC CHARACTERISTICS VCC = 0 V, VEE = -2.375 V to -3.8 V (Note 11)
-40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
VEE = -2.5 V
VEE = -3.3 V
130
140
160
165
195
195
135
145
165
175
200
205
140
145
165
175
205
210
mA
VOH
Output HIGH Voltage (Note 12)
-1 145
-1020
-895
-1 145
-1020
-895
-1 145
-1020
-895
mV
VOL
Output LOW Voltage (Note 12)
-1945
-1820
-1600
-1945
-1820
-1600
-1945
-1820
-1600
mV
VIH
Input HIGH Voltage (Single-Ended)
(Note 13)
-1 165
-880
-1 165
-880
-1 165
-880
mV
VIL
Input LOW Voltage (Single-Ended)
(Note 13)
-1945
-1600
-1945
-1600
-1945
-1600
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential) (Note 14)
(Figure 5)
VEE + 1.2
0.0
VEE + 1.2
0.0
VEE + 1.2
0.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
CLK
CLK
0.5
-150
0.5
-150
0.5
-150
mA
NOTE:
100LVEP circuits are designed to meet the DC specifications shown in the above table, after thermal equilibrium has been established.
The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained.
11. Input and output parameters vary 1:1 with VCC.
12. All outputs loaded with 50
W to VCC - 2.0 V.
13. Single ended input operation is limited VEE ≤ -3.0 V in NECL mode.
14. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
AC CHARACTERISTICS VCC = 2.375 V to 3.8 V; VEE = 0 V (Note 15)
-40
5C
25
5C
85
5C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOpp
Differential Output Voltage
(Figure 3)
fout < 50 MHz
fout < 0.8 GHz
fout < 1.0 GHz
600
600
600
750
750
700
600
600
525
725
725
650
575
550
400
700
650
525
mV
mV
mV
tPLH
tPHL
Propagation Delay (Differential)
CLKx-Qx
CLK_SELx-Qx
500
600
600
700
700
800
550
650
650
800
750
900
650
750
750
850
1000
1150
ps
ps
tskew
Within-Device Skew (Note 16)
Device-to-Device Skew (Note 17)
20
50
40
300
20
50
40
300
35
100
60
300
ps
ps
tJITTER
Random Clock Jitter (Figure 3) (RMS)
1
5
1
5
1
5
ps
VPP
Input Swing (Differential) (Note 19) (Figure 5)
200
800
1200
200
800
1200
200
800
1200
mV
tS
OE Set Up Time (Note 18)
200
200
200
ps
tH
OE Hold Time
200
200
200
ps
tr/tf
Output Rise/Fall Time
(20%-80%)
100
200
300
100
200
300
150
250
350
ps
15. Measured with PECL 750 mV source, 50% duty cycle clock source. All outputs loaded with 50
W to VCC - 2 V.
16. Skew is measured between outputs under identical transitions and conditions on any one device.
17. Device-to-Device skew for identical transitions at identical VCC levels.
18. OE Set Up Time is defined with respect to the falling edge of the clock. OE High-to-Low transition ensures outputs remain disabled during
the next clock cycle. OE Low-to-High transition enables normal operation of the next input clock.
19. VPP is the differential input voltage swing required to maintain AC characteristics including tPD and device-to-device skew.




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
MC100EP8093.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 1 2 3 4 5 MoreON Semiconductor
MC100EP16VC3.3V / 5V ECL Differential Receiver/Driver with High Gain and Enable Output 1 2 3 4 5 MoreON Semiconductor
MAX5075Push-Pull FET Driver with Integrated Oscillator and Clock Output 1 2 3 4 5 MoreMaxim Integrated Products
SK10LVE111ELow Voltage 1:9 Differential ECL/PECL Clock Driver with Enable Input 1 2 3 4 5 MoreSemtech Corporation
SY10E1111:9 DIFFERENTIAL CLOCK DRIVER WITH ENABLE 1 2 3 4 Micrel Semiconductor
LTC1690Differential Driver and Receiver Pair with Fail-Safe Receiver Output 1 2 3 4 5 MoreLinear Technology
MC100EP523.3V / 5V ECL Differential Receiver/Driver with Internal Termination Data and Clock D Flip-Flop 1 2 3 4 5 MoreON Semiconductor
MAX5077Push-Pull FET Driver with Integrated Oscillator and Programmable Clock Output 1 2 3 4 5 MoreMaxim Integrated Products
T74LS377Octal D flip-flop with common enable and clock 1 2 3 4 5 List of Unclassifed Manufacturers
SSTL1685714-bit SSTL_2 registered driver with differential clock inputs 1 2 3 4 5 MoreNXP Semiconductors

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl