Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


MGA-53543 Datasheet(Fiches technique) 14 Page - Agilent(Hewlett-Packard)

Numéro de pièce MGA-53543
Description  50 MHz to 6 GHz High Linear Amplifier
Télécharger  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo 

 
 14 page
background image
www.agilent.com/semiconductors
For product information and a complete list of
distributors, please go to our web site.
For technical assistance call:
Americas/Canada: +1 (800) 235-0312 or
(916) 788-6763
Europe: +49 (0) 6441 92460
China: 10800 650 0017
Hong Kong: (65) 6756 2394
India, Australia, New Zealand: (65) 6755 1939
Japan: (+81 3) 3335-8152(Domestic/International), or
0120-61-1280(Domestic Only)
Korea: (65) 6755 1989
Singapore, Malaysia, Vietnam, Thailand, Philippines,
Indonesia: (65) 6755 2044
Taiwan: (65) 6755 1843
Data subject to change.
Copyright © 2004 Agilent Technologies, Inc.
Obsoletes 5988-9628EN
November 22, 2004
5989-1804EN




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
BGA2011900 MHz high linear low noise amplifier 1 2 3 4 5 MoreNXP Semiconductors
BGA20121900 MHz high linear low noise amplifier 1 2 3 4 5 MoreNXP Semiconductors
MAAP-007649-000100Ultra Linear 2W Power Amplifier 800 to 1000 MHz 1 2 3 4 5 MoreTyco Electronics
CA2832C35.5 dB 1-200 MHz 1.6 WATT WIDEBAND LINEAR AMPLIFIER 1 2 3 4 Motorola, Inc
ZX60-8008EConnectorized Amplifier 50 Ohm 20 MHz to 8 GHz 1 2 Mini-Circuits
AM-AMC-138High Performance Amplifier 25 dB Gain 10 - 200 MHz 1 2 3 Tyco Electronics
GALI-74Surface Mount Monolithic Amplifier 50Ω High dynamic range DC to 1 GHz 1 2 3 4 Mini-Circuits
RMPA52524.9-5.9 GHz InGaP HBT WLAN Linear Power Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
AM-119High Performance Amplifier 8 dB Gain 30 - 250 MHz 1 2 3 Tyco Electronics
CA2842C22 dB 10-400 MHz 1.2 WATTS WIDEBAND LINEAR AMPLIFIER 1 2 3 4 Motorola, Inc

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl