Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


MGA-53543 Datasheet(Fiches technique) 13 Page - Agilent(Hewlett-Packard)

Numéro de pièce MGA-53543
Description  50 MHz to 6 GHz High Linear Amplifier
Télécharger  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo 

 
 13 page
background image
13
Device Orientation
USER
FEED
DIRECTION
COVER TAPE
CARRIER
TAPE
REEL
END VIEW
8 mm
4 mm
TOP VIEW
(Package marking example orientation shown.)
53
53
53
53
Tape Dimensions
For Outline 4T
P
P0
P2
F
W
C
D1
D
E
A0
10
° MAX.
t1 (CARRIER TAPE THICKNESS)
Tt (COVER TAPE THICKNESS)
10
° MAX.
B0
K0
DESCRIPTION
SYMBOL
SIZE (mm)
SIZE (INCHES)
LENGTH
WIDTH
DEPTH
PITCH
BOTTOM HOLE DIAMETER
A0
B0
K0
P
D1
2.40
± 0.10
2.40
± 0.10
1.20
± 0.10
4.00
± 0.10
1.00 + 0.25
0.094
± 0.004
0.094
± 0.004
0.047
± 0.004
0.157
± 0.004
0.039 + 0.010
CAVITY
DIAMETER
PITCH
POSITION
D
P0
E
1.55
± 0.10
4.00
± 0.10
1.75
± 0.10
0.061 + 0.002
0.157
± 0.004
0.069
± 0.004
PERFORATION
WIDTH
THICKNESS
W
t1
8.00 + 0.30 - 0.10
0.254
± 0.02
0.315 + 0.012
0.0100
± 0.0008
CARRIER TAPE
CAVITY TO PERFORATION
(WIDTH DIRECTION)
CAVITY TO PERFORATION
(LENGTH DIRECTION)
F
P2
3.50
± 0.05
2.00
± 0.05
0.138
± 0.002
0.079
± 0.002
DISTANCE
WIDTH
TAPE THICKNESS
C
Tt
5.40
± 0.10
0.062
± 0.001
0.205 + 0.004
0.0025
± 0.0004
COVER TAPE




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
BGA2011900 MHz high linear low noise amplifier 1 2 3 4 5 MoreNXP Semiconductors
BGA20121900 MHz high linear low noise amplifier 1 2 3 4 5 MoreNXP Semiconductors
MAAP-007649-000100Ultra Linear 2W Power Amplifier 800 to 1000 MHz 1 2 3 4 5 MoreTyco Electronics
CA2832C35.5 dB 1-200 MHz 1.6 WATT WIDEBAND LINEAR AMPLIFIER 1 2 3 4 Motorola, Inc
ZX60-8008EConnectorized Amplifier 50 Ohm 20 MHz to 8 GHz 1 2 Mini-Circuits
AM-AMC-138High Performance Amplifier 25 dB Gain 10 - 200 MHz 1 2 3 Tyco Electronics
GALI-74Surface Mount Monolithic Amplifier 50Ω High dynamic range DC to 1 GHz 1 2 3 4 Mini-Circuits
RMPA52524.9-5.9 GHz InGaP HBT WLAN Linear Power Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
AM-119High Performance Amplifier 8 dB Gain 30 - 250 MHz 1 2 3 Tyco Electronics
CA2842C22 dB 10-400 MHz 1.2 WATTS WIDEBAND LINEAR AMPLIFIER 1 2 3 4 Motorola, Inc

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl