Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


MGA-53543 Datasheet(Fiches technique) 9 Page - Agilent(Hewlett-Packard)

Numéro de pièce MGA-53543
Description  50 MHz to 6 GHz High Linear Amplifier
Télécharger  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo 

 9 page
background image
9
Performance of MGA-53543 at
1900 MHz
With a device voltage of +5V,
demonstration board MGA-5X
delivers a measured noise figure
of 1.78 dB and an average gain of
14.5 dB as shown in Figure 11.
Gain here is slightly lower than
data sheet due to the losses
acquired in creating a stable
broadband match. Input and
output VSWR are both better
than 2:1 at 1900 MHz, with input
return loss being 10 dB and
output return loss at 13 dB.
FREQUENCY (GHz)
1.6
20
15
10
5
0
2.6
1.8
2.2
2.4
2
Gain
NF
Figure 11. Gain and Noise Figure vs
Frequency.
FREQUENCY (GHz)
1.6
0
-5
-10
-15
-20
-25
2.6
1.8
2.2
2.4
2
S11
S22
Figure 12. Input and Output return loss vs
Frequency.
More significant is the linearity
delivered by MGA-53543 at
1900 MHz. Figure 13 plots OIP3
over a frequency range from
1850 MHz to1950 MHz.
This device produces IIP3 of
24 dBm, OIP3 of 38 dBm and
P1dB of 17.8 dBm at 1900 MHz.
FREQUENCY (MHz)
1840
45
40
35
30
25
2000
1880
1920
1960
RX
TX
Figure 13. OIP3 vs. Frequency.
Due to component parasitics and
part variations, actual perfor-
mance may not be identical to
this example.
900 MHz HLA Design
Optimizing the MGA-53543 for
maximum linearity at the Cellu-
lar band follows very similar to
that of 1900 MHz, except that the
input and output tuning condi-
tions will change according to the
linearity table on the data sheet.
Figure 14 below shows the
schematic diagram for a com-
plete 900 MHz circuit using
Γ
s of
0.15
∠-90° and Γ
L of
0.05
∠-165°. Table 4 shows the
component parts list used.
An optional 2.2
Ω resistor at the
input helps resistively load the
amplifier and improve stability
but slightly degrade noise figure.
2.2
2.2
+5V
15 nH
22 nH
34
12
4.7 pF
1000 pF
5.6 pF
RFin
RFout
53
Figure 14. Schematic diagram for 900 MHz HLA.
22 nH
TOKO LL1608-FS22N
15 nH
TOKO LL1005-FS15N
2.2
RHOM MCR01J2R2
4.7 pF
Phycomp 0402CG479C9B200
5.6 pF
Phycomp 0402CG569D9B200
1000 pF
Phycomp 04022R102K9B200
Table 4. Component parts list for the
MGA-53543 HLA at 900 MHz.
IN
C1
L1
R1
J1
OUT
L2
C2
J2
C3
R2
Vd
SE
02/01
MGA - 5X
53
Figure 15. RF Layout for 1900 MHz HLA .
3.3 nH
TOKO LL1608-FS3N3S
47 nH
TOKO LL1005-FH47N
2.2
RHOM MCR01J2R2
2.2 pF
Phycomp 0402CG229C9B200
8.2 pF
Phycomp 0402CG829D9B200
150 pF
Phycomp 0402CG151J9B200
0.1
µF
Phycomp 06032F104M8B20
Table 3. Component parts list for the
MGA-53543 HLA at 1900 MHz.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
BGA2011900 MHz high linear low noise amplifier 1 2 3 4 5 MoreNXP Semiconductors
BGA20121900 MHz high linear low noise amplifier 1 2 3 4 5 MoreNXP Semiconductors
MAAP-007649-000100Ultra Linear 2W Power Amplifier 800 to 1000 MHz 1 2 3 4 5 MoreTyco Electronics
CA2832C35.5 dB 1-200 MHz 1.6 WATT WIDEBAND LINEAR AMPLIFIER 1 2 3 4 Motorola, Inc
ZX60-8008EConnectorized Amplifier 50 Ohm 20 MHz to 8 GHz 1 2 Mini-Circuits
AM-AMC-138High Performance Amplifier 25 dB Gain 10 - 200 MHz 1 2 3 Tyco Electronics
GALI-74Surface Mount Monolithic Amplifier 50Ω High dynamic range DC to 1 GHz 1 2 3 4 Mini-Circuits
RMPA52524.9-5.9 GHz InGaP HBT WLAN Linear Power Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
AM-119High Performance Amplifier 8 dB Gain 30 - 250 MHz 1 2 3 Tyco Electronics
CA2842C22 dB 10-400 MHz 1.2 WATTS WIDEBAND LINEAR AMPLIFIER 1 2 3 4 Motorola, Inc

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl