Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


MGA-53543 Datasheet(Fiches technique) 1 Page - Agilent(Hewlett-Packard)

Numéro de pièce MGA-53543
Description  50 MHz to 6 GHz High Linear Amplifier
Télécharger  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo 

 
 1 page
background image
Agilent MGA-53543
50 MHz to 6 GHz
High Linear Amplifier
Data Sheet
Description
Agilent Technologies’s MGA-53543
is a high dynamic range low noise
amplifier MMIC housed in a 4-lead
SC-70 (SOT-343) surface mount
plastic package.
The combination of high linear-
ity, low noise figure and high gain
makes the MGA-53543 ideal for
cellular/PCS/ W-CDMA base
stations, Wireless LAN, WLL and
other systems in the 50 MHz to
6 GHz frequency range.
MGA-53543 is especially ideal for
Cellular/PCS/ W-CDMA
basestation applications. With
high IP3 and low noise figure, the
MGA-53543 may be utilized as a
driver amplifier in the transmit
chain and as a second stage LNA
in the receive chain.
Features
• Lead-free Option Available
• Very high linearity at low DC bias
power[1]
• Low noise figure
• Advanced enhancement mode
PHEMT technology
• Excellent uniformity in product
specifications
• Low cost surface mount small
plastic package SOT-343 (4-lead
SC-70)
• Tape-and-Reel packaging option
available
Specifications
1.9 GHz, 5V, 54 mA (typ)
• OIP3: 39 dBm
• Noise figure: 1.5 dB
• Gain: 15.4 dB
• P-1dB: 18.6 dBm
Applications
• Base station radio card
• High linearity LNA for base
stations, WLL, WLAN, and other
applications in the 50 MHz
to 6 GHz range
Surface Mount Package
SOT-343/4-lead SC70
Pin Connections and
Package Marking
Simplified Schematic
GND
INPUT
OUTPUT
& Vd
GND
3
4
1
2
bias
Note:
Top View. Package marking provides orientation
and identification.
“53” = Device Code
“x” = Date code character identifies month of
manufacture.
Note:
1. The MGA-53543 has a superior LFOM of
15 dB. Linearity Figure of Merit (LFOM) is
essentially OIP3 divided by DC bias power.
There are few devices in the market that can
match its combination of high linearity and
low noise figure at the low DC bias power of
5V/54 mA.
Attention:
Observe precautions for
handling electrostatic
sensitive devices.
ESD Machine Model (Class A)
ESD Human Body Model (Class 1A)
Refer to Agilent Application Note A004R:
Electrostatic Discharge Damage and Control.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
BGA2011900 MHz high linear low noise amplifier 1 2 3 4 5 MoreNXP Semiconductors
BGA20121900 MHz high linear low noise amplifier 1 2 3 4 5 MoreNXP Semiconductors
MAAP-007649-000100Ultra Linear 2W Power Amplifier 800 to 1000 MHz 1 2 3 4 5 MoreTyco Electronics
CA2832C35.5 dB 1-200 MHz 1.6 WATT WIDEBAND LINEAR AMPLIFIER 1 2 3 4 Motorola, Inc
ZX60-8008EConnectorized Amplifier 50 Ohm 20 MHz to 8 GHz 1 2 Mini-Circuits
AM-AMC-138High Performance Amplifier 25 dB Gain 10 - 200 MHz 1 2 3 Tyco Electronics
GALI-74Surface Mount Monolithic Amplifier 50Ω High dynamic range DC to 1 GHz 1 2 3 4 Mini-Circuits
RMPA52524.9-5.9 GHz InGaP HBT WLAN Linear Power Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
AM-119High Performance Amplifier 8 dB Gain 30 - 250 MHz 1 2 3 Tyco Electronics
CA2842C22 dB 10-400 MHz 1.2 WATTS WIDEBAND LINEAR AMPLIFIER 1 2 3 4 Motorola, Inc

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl